전자부품 데이터시트 검색엔진 |
|
LC1D18D7 데이터시트(PDF) 1 Page - Schneider Electric |
|
LC1D18D7 데이터시트(HTML) 1 Page - Schneider Electric |
1 / 4 page Product data sheet Characteristics LC1D18D7 TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 42 VAC 50/60 Hz coil Product availability : Non-Stock - Not normally stocked in distribution facility Price* : 136.00 USD Main Range TeSys Product name TeSys D Product or component type Contactor Device short name LC1D Contactor application Resistive load Motor control Utilisation category AC-1 AC-4 AC-3 Poles description 3P Power pole contact composition 3 NO [Ue] rated operational voltage Power circuit: <= 690 V AC 25...400 Hz Power circuit <= 300 V DC [Ie] rated operational current 18 A (at <60 °C) at <= 440 V AC AC-3 for power circuit 32 A (at <60 °C) at <= 440 V AC AC-1 for power circuit Motor power kW 4 kW 220...230 V AC 50/60 Hz AC-3) 7.5 kW 380...400 V AC 50/60 Hz AC-3) 9 kW 415...440 V AC 50/60 Hz AC-3) 10 kW 500 V AC 50/60 Hz AC-3) 10 kW 660...690 V AC 50/60 Hz AC-3) 4 kW 400 V AC 50/60 Hz AC-4) Motor power HP (UL / CSA) 1 hp 115 V AC 50/60 Hz 1 phase 3 hp 230/240 V AC 50/60 Hz 1 phase 5 hp 200/208 V AC 50/60 Hz 3 phase 5 hp 230/240 V AC 50/60 Hz 3 phase 10 hp 460/480 V AC 50/60 Hz 3 phase 15 hp 575/600 V AC 50/60 Hz 3 phase Control circuit type AC 50/60 Hz [Uc] control circuit voltage 42 V AC 50/60 Hz Auxiliary contact composition 1 NO + 1 NC * Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price. Jan 4, 2021 1 |
유사한 부품 번호 - LC1D18D7 |
|
유사한 설명 - LC1D18D7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |