전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D18Q7 데이터시트(PDF) 1 Page - Schneider Electric

부품명 LC1D18Q7
상세설명  TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 380 VAC 50/60 Hz coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D18Q7 데이터시트(HTML) 1 Page - Schneider Electric

  LC1D18Q7 Datasheet HTML 1Page - Schneider Electric LC1D18Q7 Datasheet HTML 2Page - Schneider Electric LC1D18Q7 Datasheet HTML 3Page - Schneider Electric LC1D18Q7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1D18Q7
TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480
VAC, nonreversing, 380 VAC 50/60 Hz coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 136.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Resistive load
Motor control
Utilisation category
AC-3
AC-4
AC-1
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
18 A (at <60 °C) at <= 440 V AC AC-3 for power circuit
32 A (at <60 °C) at <= 440 V AC AC-1 for power circuit
Motor power kW
4 kW 220...230 V AC 50/60 Hz AC-3)
7.5 kW 380...400 V AC 50/60 Hz AC-3)
9 kW 415...440 V AC 50/60 Hz AC-3)
10 kW 500 V AC 50/60 Hz AC-3)
10 kW 660...690 V AC 50/60 Hz AC-3)
4 kW 400 V AC 50/60 Hz AC-4)
Motor power HP (UL / CSA)
1 hp 115 V AC 50/60 Hz 1 phase
3 hp 230/240 V AC 50/60 Hz 1 phase
5 hp 200/208 V AC 50/60 Hz 3 phase
5 hp 230/240 V AC 50/60 Hz 3 phase
10 hp 460/480 V AC 50/60 Hz 3 phase
15 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
380 V AC 50/60 Hz
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


유사한 부품 번호 - LC1D18Q7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D18 SCHNEIDER-LC1D18 Datasheet
971Kb / 2P
   AC/DC
LC1D18 SCHNEIDER-LC1D18 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D183B7 SCHNEIDER-LC1D183B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V AC coil
LC1D183BD SCHNEIDER-LC1D183BD Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
LC1D183BL SCHNEIDER-LC1D183BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 24 V DC coil
More results

유사한 설명 - LC1D18Q7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D18T7 SCHNEIDER-LC1D18T7 Datasheet
112Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 480 VAC 50/60 Hz coil
LC1D18N7 SCHNEIDER-LC1D18N7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 415 VAC 50/60 Hz coil
LC1D25U7 SCHNEIDER-LC1D25U7 Datasheet
115Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 240 VAC 50/60 Hz coil
LC1D18E7 SCHNEIDER-LC1D18E7 Datasheet
136Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 48 VAC 50/60 Hz coil
LC1D18D7 SCHNEIDER-LC1D18D7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 42 VAC 50/60 Hz coil
LC1D18FC7 SCHNEIDER-LC1D18FC7 Datasheet
136Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 127 VAC 50/60 Hz coil
LC1D18G7 SCHNEIDER-LC1D18G7 Datasheet
167Kb / 5P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 120 VAC 50/60 Hz coil
LC1D18LE7 SCHNEIDER-LC1D18LE7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 208 VAC 50/60 Hz coil
LC1D18R7 SCHNEIDER-LC1D18R7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 440 VAC 50/60 Hz coil
LC1D18X7 SCHNEIDER-LC1D18X7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 600 VAC 50/60 Hz coil
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com