전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D25X7 데이터시트(PDF) 2 Page - Schneider Electric

부품명 LC1D25X7
상세설명  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 600 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D25X7 데이터시트(HTML) 2 Page - Schneider Electric

  LC1D25X7 Datasheet HTML 1Page - Schneider Electric LC1D25X7 Datasheet HTML 2Page - Schneider Electric LC1D25X7 Datasheet HTML 3Page - Schneider Electric LC1D25X7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
10 A 140 °F (60 °C) signalling circuit
40 A 140 °F (60 °C) power circuit
Irms rated making capacity
140 A AC signalling circuit IEC 60947-5-1
250 A DC signalling circuit IEC 60947-5-1
450 A at 440 V for power circuit conforming to IEC 60947
Rated breaking capacity
450 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
240 A 104 °F (40 °C) - 10 s power circuit
380 A 104 °F (40 °C) - 1 s power circuit
50 A 104 °F (40 °C) - 10 min power circuit
120 A 104 °F (40 °C) - 1 min power circuit
100 A - 1 s signalling circuit
120 A - 500 ms signalling circuit
140 A - 100 ms signalling circuit
Associated fuse rating
10 A gG signalling circuit IEC 60947-5-1
63 A gG <= 690 V type 1 power circuit
40 A gG <= 690 V type 2 power circuit
Average impedance
2 mOhm - Ith 40 A 50 Hz power circuit
[Ui] rated insulation voltage
Power circuit 690 V IEC 60947-4-1
Power circuit: 600 V CSA certified
Power circuit: 600 V UL certified
Signalling circuit 690 V IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Electrical durability
1.65 Mcycles 25 A AC-3 <= 440 V
1.4 Mcycles 40 A AC-1 <= 440 V
Power dissipation per pole
3.2 W AC-1
1.25 W AC-3
Front cover
With
Mounting support
Plate
Rail
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
CCC
UL
GL
RINA
DNV
LROS (Lloyds register of shipping)
CSA
GOST
BV
Connections - terminals
Control circuit: screw clamp terminals 1 cable(s) 1…4 mm²flexible without cable end
Control circuit: screw clamp terminals 2 cable(s) 1…4 mm²flexible without cable end
Control circuit: screw clamp terminals 1 cable(s) 1…4 mm²flexible with cable end
Control circuit: screw clamp terminals 2 cable(s) 1…2.5 mm²flexible with cable end
Control circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)solid without cable end
Control circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)solid without cable end
Power circuit screw clamp terminals 1 0.00…0.02 in² (2.5…10 mm²)flexible without cable end
Power circuit screw clamp terminals 2 0.00…0.02 in² (2.5…10 mm²)flexible without cable end
Power circuit screw clamp terminals 1 0.00…0.02 in² (1…10 mm²)flexible with cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1.5…6 mm²)flexible with cable end
Power circuit: screw clamp terminals 1 cable(s) 1.5…10 mm²solid without cable end
Power circuit: screw clamp terminals 2 cable(s) 2.5…10 mm²solid without cable end
Tightening torque
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver flat Ø 6 mm
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver Philips No 2
Power circuit 22.13 lbf.in (2.5 N.m) screw clamp terminals flat Ø 6 mm
Power circuit 22.13 lbf.in (2.5 N.m) screw clamp terminals Philips No 2
Operating time
12...22 ms closing
4...19 ms opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1
2


유사한 부품 번호 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25 SCHNEIDER-LC1D25 Datasheet
971Kb / 2P
   AC/DC
LC1D25 SCHNEIDER-LC1D25 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D253B7 SCHNEIDER-LC1D253B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D253BD SCHNEIDER-LC1D253BD Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
LC1D253BL SCHNEIDER-LC1D253BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
More results

유사한 설명 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25R7 SCHNEIDER-LC1D25R7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256R7 SCHNEIDER-LC1D256R7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D253R7 SCHNEIDER-LC1D253R7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256B7 SCHNEIDER-LC1D256B7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D256K7 SCHNEIDER-LC1D256K7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 100 V AC coil
LC1D25FE7 SCHNEIDER-LC1D25FE7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 115 V AC coil
LC1D253G7 SCHNEIDER-LC1D253G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 120 V AC coil
LC1D256L7 SCHNEIDER-LC1D256L7 Datasheet
135Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 200 V AC coil
LC1D256M7 SCHNEIDER-LC1D256M7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 220 V AC coil
LC1D253E7 SCHNEIDER-LC1D253E7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 48 V AC coil
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com