전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D25X7 데이터시트(PDF) 3 Page - Schneider Electric

부품명 LC1D25X7
상세설명  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 600 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D25X7 데이터시트(HTML) 3 Page - Schneider Electric

  LC1D25X7 Datasheet HTML 1Page - Schneider Electric LC1D25X7 Datasheet HTML 2Page - Schneider Electric LC1D25X7 Datasheet HTML 3Page - Schneider Electric LC1D25X7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical durability
15 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc (-40…70 °C):drop-out AC 50/60 Hz
0.8...1.1 Uc (-40…60 °C):operational AC 50 Hz
0.85...1.1 Uc (-40…60 °C):operational AC 60 Hz
1...1.1 Uc (60…70 °C):operational AC 50/60 Hz
Inrush power in VA
70 VA 60 Hz cos phi 0.75 (at 20 °C)
70 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
7.5 VA 60 Hz cos phi 0.3 (at 20 °C)
7 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
2…3 W at 50/60 Hz
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Motor power range
4…6 kW 200…240 V 3 phase
7…11 kW 380…440 V 3 phase
7…11 kW 480…500 V 3 phase
2.2…3 kW 100…120 V 3 phase
15…25 kW at 525…690 V 3 phases
Motor starter type
Direct on-line contactor
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open8 Gn for 11 ms
Height
3.35 in (85 mm)
Width
1.77 in (45 mm)
Depth
3.62 in (92 mm)
Net Weight
0.82 lb(US) (0.37 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901549833
Nbr. of units in pkg.
1
Package weight(Lbs)
0.91 lb(US) (0.41 kg)
3


유사한 부품 번호 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25 SCHNEIDER-LC1D25 Datasheet
971Kb / 2P
   AC/DC
LC1D25 SCHNEIDER-LC1D25 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D253B7 SCHNEIDER-LC1D253B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D253BD SCHNEIDER-LC1D253BD Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
LC1D253BL SCHNEIDER-LC1D253BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
More results

유사한 설명 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25R7 SCHNEIDER-LC1D25R7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256R7 SCHNEIDER-LC1D256R7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D253R7 SCHNEIDER-LC1D253R7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256B7 SCHNEIDER-LC1D256B7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D256K7 SCHNEIDER-LC1D256K7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 100 V AC coil
LC1D25FE7 SCHNEIDER-LC1D25FE7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 115 V AC coil
LC1D253G7 SCHNEIDER-LC1D253G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 120 V AC coil
LC1D256L7 SCHNEIDER-LC1D256L7 Datasheet
135Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 200 V AC coil
LC1D256M7 SCHNEIDER-LC1D256M7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 220 V AC coil
LC1D253E7 SCHNEIDER-LC1D253E7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 48 V AC coil
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com