전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D25X7 데이터시트(PDF) 4 Page - Schneider Electric

부품명 LC1D25X7
상세설명  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 600 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D25X7 데이터시트(HTML) 4 Page - Schneider Electric

  LC1D25X7 Datasheet HTML 1Page - Schneider Electric LC1D25X7 Datasheet HTML 2Page - Schneider Electric LC1D25X7 Datasheet HTML 3Page - Schneider Electric LC1D25X7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
4.29 in (10.9 cm)
Package 1 width
3.54 in (9 cm)
Package 1 Length
2.13 in (5.4 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Contractual warranty
Warranty
18 months
4


유사한 부품 번호 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25 SCHNEIDER-LC1D25 Datasheet
971Kb / 2P
   AC/DC
LC1D25 SCHNEIDER-LC1D25 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D253B7 SCHNEIDER-LC1D253B7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D253BD SCHNEIDER-LC1D253BD Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
LC1D253BL SCHNEIDER-LC1D253BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V DC coil
More results

유사한 설명 - LC1D25X7

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D25R7 SCHNEIDER-LC1D25R7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256R7 SCHNEIDER-LC1D256R7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D253R7 SCHNEIDER-LC1D253R7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 440 V AC coil
LC1D256B7 SCHNEIDER-LC1D256B7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 24 V AC coil
LC1D256K7 SCHNEIDER-LC1D256K7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 100 V AC coil
LC1D25FE7 SCHNEIDER-LC1D25FE7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 115 V AC coil
LC1D253G7 SCHNEIDER-LC1D253G7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 120 V AC coil
LC1D256L7 SCHNEIDER-LC1D256L7 Datasheet
135Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 200 V AC coil
LC1D256M7 SCHNEIDER-LC1D256M7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 220 V AC coil
LC1D253E7 SCHNEIDER-LC1D253E7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 48 V AC coil
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com