전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2964C40 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 SM2964C40
상세설명  8-Bit Micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964C40 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SM2964C40 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2964C40 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
6/15
Ver1.0
PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
Symbol
Parameter
Valid
Min.
Typ.
Max
Unit
Test Conditions
VILX
Input low voltage
XTAL1
-0.5
20%Vcc-0.1
V
#EA
0
20%Vcc-0.3
V
VILR
"
RES
-0.5
20%Vcc-0.1
V
VIHX
Input High Voltage
XTAL1
70% Vcc
Vcc+0.5
V
#EA
20%Vcc+0.9
Vcc+0.5
V
VIHR
"
RES
70%Vcc
Vcc+0.5
V
Output Low Voltage
ALE, #PSEN
450 mV
IOL=3.2mA
VOL0
"
ports 0,3
450 mV
IOL=3.2mA
VOL1
"
ports 1,2
350 mV
IOL=1.6mA
Output High Voltage
ALE, #PSEN
2.4
V
IOH= -60uA
"
90%Vcc
V
IOH= -10uA
VOH0
"
port 0
2.4
V
IOH= -800uA
"
90%Vcc
V
IOH= -80uA
VOH1
"
port 1,3
2.4
V
IOH= -60uA
"
90%Vcc
V
IOH= -10uA
VOH2
"
port 2
2.4
V
IOH= -60uA
"
90%Vcc
V
IOH= -10uA
IOL0
Output Low Current
ports 0,3
mA
VOL=0.45V,note1
IIL
Logical 0 Input Current
ports 1,2,3
50 uA
Vin=0.45V
IIH
Logical 1 Input Current
port 0
1.5 uA
Vin=5.0V
ITL
Logic Transition Current
port 1,2,3
650 uA
Vin=2.0V
ILI
Input Leakage Current
port 0
10 uA
0.45V<Vin<Vcc
R RES
Reset Pull-down Resistance
RES
50
150 Kohm
R X
Crystal feedback Resistance
XTAL1,2
50
330 Kohm
CIO
Pin Capacitance
10
pF
Freq=1MHZ,Ta=25 C
ICC
Power Supply Current
Vdd
20 mA
Active mode, 12MHZ
Vdd
6.5 mA
Idle mode, 12MHZ
Vdd
150 uA
Power down mode
VIL1
Input Low Voltage
port 0,1,2,3,#EA
0.5
V
Vcc= 5V
VIL2
RST
0.4
V
"
VIL3
"
XTAL1
0.4
V
"
VIH1
Input Low Voltage
port 0,1,2,3,#EA
1.3
V
"
VIH2
"
RST
3.0
V
"
VIH3
"
XTAL1
3.0
V
"
DC Characteristics
note1: no more than 80 mA IOLs for all 16-bit ports & 3 output pins.
To Programme
The Program mean is identical to MVI's flash V29C51002 except the memory size. This SM2964 has
512K bit (64K x 8) while the V29C51002 has 2 mega bit (256K x 8). Of course, the pin configuration is not
identical. MVI provides an adapter board M9015 to transform those pins to fit into pins of commercial
2-mega-bit flash which is organized in 8-bit width.
(12MHz, typical operating conditions, valid for SM2964C series)


유사한 부품 번호 - SM2964C40

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHH ETC-SM2965IHH Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHHK ETC-SM2965IHHK Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
More results

유사한 설명 - SM2964C40

제조업체부품명데이터시트상세설명
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com