전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3664 데이터시트(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3664
상세설명  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3664 데이터시트(HTML) 42 Page - Texas Instruments

Back Button ADC3664 Datasheet HTML 38Page - Texas Instruments ADC3664 Datasheet HTML 39Page - Texas Instruments ADC3664 Datasheet HTML 40Page - Texas Instruments ADC3664 Datasheet HTML 41Page - Texas Instruments ADC3664 Datasheet HTML 42Page - Texas Instruments ADC3664 Datasheet HTML 43Page - Texas Instruments ADC3664 Datasheet HTML 44Page - Texas Instruments ADC3664 Datasheet HTML 45Page - Texas Instruments ADC3664 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
8.6.1 Detailed Register Description
Figure 8-39. Register 0x00
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
RESET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-11. Register 0x00 Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
R/W
0
Must write 0
0
RESET
R/W
0
This bit resets all internal registers to the default values and self
clears to 0.
Figure 8-40. Register 0x07
7
6
5
4
3
2
1
0
OP IF MAPPER
0
OP IF EN
OP IF SEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-12. Register 0x07 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
OP IF MAPPER
R/W
000
Output interface mapper. This register contains the proper
output interface bit mapping for the different interfaces. The
interface bit mapping is internally loaded from e-fuses and also
requires a fuse load command to go into effect (0x13, D0).
Register 0x07 along with the E-Fuse Load (0x13, D0) needs to
be loaded first in the programming sequence since the E-Fuse
load resets the SPI writes.
After initial reset the default output interface variant is loaded
automatically from fuse internally. However when reading back
this register reads 000 until a value is written using SPI.
001: 2-wire, 18 and 14-bit
010: 2-wire, 16-bit
011: 1-wire
100: 0.5-wire
others: not used
4
0
R/W
0
Must write 0
3
OP IF EN
R/W
0
Enables changing the default output interface mode (D2-D0).
2-0
OP IF SEL
R/W
000
Selection of the output interface mode. OP IF EN (D3) needs to
be enabled also.
After initial reset the default output interface is loaded
automatically from fuse internally. However when reading back
this register reads 000 until a value is written using SPI.
011: 2-wire
100: 1-wire
101: 0.5-wire
others: not used
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664


유사한 부품 번호 - ADC3664

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results

유사한 설명 - ADC3664

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
[Old version datasheet]   ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3544 TI-ADC3544 Datasheet
3Mb / 79P
[Old version datasheet]   ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com