전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3664 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3664
상세설명  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3664 데이터시트(HTML) 8 Page - Texas Instruments

Back Button ADC3664 Datasheet HTML 4Page - Texas Instruments ADC3664 Datasheet HTML 5Page - Texas Instruments ADC3664 Datasheet HTML 6Page - Texas Instruments ADC3664 Datasheet HTML 7Page - Texas Instruments ADC3664 Datasheet HTML 8Page - Texas Instruments ADC3664 Datasheet HTML 9Page - Texas Instruments ADC3664 Datasheet HTML 10Page - Texas Instruments ADC3664 Datasheet HTML 11Page - Texas Instruments ADC3664 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
6.6 Electrical Characteristics - DC Specifications (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, 1.6 V external reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs (RESET, PDN, SCLK, SEN, SDIO)
VIH
High level input voltage
1.4
V
VIL
Low level input voltage
0.4
IIH
High level input current
90
150
uA
IIL
Low level input current
-150
-90
uA
CI
Input capacitance
1.5
pF
Digital Output (SDOUT)
VOH
High level output voltage
ILOAD = -400 uA
IOVDD
– 0.1
IOVDD
V
VOL
Low level output voltage
ILOAD = 400 uA
0.1
SLVDS Interface
VID
Differential input voltage
DCLKIN
200
350
650
mVpp
VCM
Input common mode voltage
1
1.2
1.3
V
Output data rate
per differential SLVDS output
1
Gbps
VOD
Differential output voltage
500
700
850
mVpp
VCM
Output common mode voltage
1.0
V
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664


유사한 부품 번호 - ADC3664

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results

유사한 설명 - ADC3664

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
[Old version datasheet]   ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3544 TI-ADC3544 Datasheet
3Mb / 79P
[Old version datasheet]   ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com