전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3683 데이터시트(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3683
상세설명  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 데이터시트(HTML) 38 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments ADC3683 Datasheet HTML 38Page - Texas Instruments ADC3683 Datasheet HTML 39Page - Texas Instruments ADC3683 Datasheet HTML 40Page - Texas Instruments ADC3683 Datasheet HTML 41Page - Texas Instruments ADC3683 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
8.3.5.2 Output Interface/Mode Configuration
The following sequence summarizes all the relevant registers for changing the output interface and/or enabling
the decimation filter. Steps 1 and 2 must come first since the E-Fuse load reset the SPI writes, the remaining
steps can come in any order.
Table 8-7. Configuration steps for changing interface or decimation
STEP
FEATURE
ADDRESS
DESCRIPTION
1
Output
Interface
0x07
Select the output interface bit mapping depending on resolution and output interface.
Output Resolution
2-wire
1-wire
1/2-wire
14-bit
0x2B
0x6C
0x8D
16-bit
0x4B
18-bit
0x2B
20-bit
0x4B
2
0x13
Load the output interface bit mapping using the E-fuse loader (0x13, D0). Program register 0x13 to
0x01, wait ~ 1ms so that bit mapping is loaded properly followed by 0x13 0x00
3
0x19
Configure the FCLK frequency based on bypass/decimation and number of lanes used.
Bypass/Dec
SLVDS
FCLK SRC
(D7)
FCLK DIV
(D4)
TOG FCLK
(D0)
Bypass/ Real
Decimation
2-wire
0
1
0
1-wire
0
0
0
1/2-wire
0
0
0
Complex
Decimation
2-wire
1
0
0
1-wire
1
0
0
1/2-wire
0
0
1
4
0x1B
Select the output interface resolution using the bit mapper (D5-D3).
5
0x20
0x21
0x22
Select the FCLK pattern for decimation for proper duty cycle output of the frame clock.
Output Resolution
2-wire
1-wire
1/2-wire
Real Decimation
14-bit
use default
0xFE000
use default
16-bit
0xFF000
18-bit
0xFF800
20-bit
0xFFC00
Complex
Decimation
14-bit
0xFFFFF
0xFFFFF
16-bit
18-bit
20-bit
6
Decimation
Filter
0x24
Enable the decimation filter
7
0x25
Configure the decimation filter
8
0x2A/B/C/D
0x31/2/3/4
Program the NCO frequency for complex decimation (can be skipped for real decimation)
9
0x27
0x2E
Configure the complex output data stream (set both bits to 0 for real decimation)
SLVDS
OP-Order (D4)
Q-Delay (D3)
2-wire
1
0
1-wire
0
1
1/2-wire
1
1
10
0x26
Set the mixer gain and toggle the mixer reset bit to update the NCO frequency.
ADC3683
SBAS872 – DECEMBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3683


유사한 부품 번호 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

유사한 설명 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com