전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3683 데이터시트(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3683
상세설명  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 데이터시트(HTML) 46 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 42Page - Texas Instruments ADC3683 Datasheet HTML 43Page - Texas Instruments ADC3683 Datasheet HTML 44Page - Texas Instruments ADC3683 Datasheet HTML 45Page - Texas Instruments ADC3683 Datasheet HTML 46Page - Texas Instruments ADC3683 Datasheet HTML 47Page - Texas Instruments ADC3683 Datasheet HTML 48Page - Texas Instruments ADC3683 Datasheet HTML 49Page - Texas Instruments ADC3683 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Figure 8-46. Register 0x08
7
6
5
4
3
2
1
0
0
0
PDN CLKBUF
PDN REFAMP
0
PDN A
PDN B
PDN GLOBAL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-15. Register 0x08 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
PDN CLKBUF
R/W
0
Powers down sampling clock buffer
0: Clock buffer enabled
1: Clock buffer powered down
4
PDN REFAMP
R/W
0
Powers down internal reference gain amplifier
0: REFAMP enabled
1: REFAMP powered down
3
0
R/W
0
Must write 0
2
PDN B
R/W
0
Powers down ADC channel A
0: ADC channel A enabled
1: ADC channel A powered down
1
PDN A
R/W
0
Powers down ADC channel B
0: ADC channel B enabled
1: ADC channel B powered down
0
PDN GLOBAL
R/W
0
Global power down via SPI
0: Global power disabled
1: Global power down enabled. Power down mask (register
0x0D) determines which internal blocks are powered down.
Figure 8-47. Register 0x09
7
6
5
4
3
2
1
0
0
0
PDN FCLKOUT PDN DCLKOUT
PDN DA1
PDN DA0
PDN DB1
PDN DB0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-16. Register 0x09 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
PDN FCLKOUT
R/W
0
Powers down frame clock (FCLK) LVDS output buffer
0: FCLK output buffer enabled
1: FCLK output buffer powered down
4
PDN DCLKOUT
R/W
0
Powers down DCLK LVDS output buffer
0: DCLK output buffer enabled
1: DCLK output buffer powered down
3
PDN DA1
R/W
0
Powers down LVDS output buffer for channel A, lane 1.
NOT powered down automatically in 1-wire and 1/2-wire mode.
0: DA1 LVDS output buffer enabled
1: DA1 LVDS output buffer powered down
2
PDN DA0
R/W
0
Powers down LVDS output buffer for channel A, lane 0.
0: DA0 LVDS output buffer enabled
1: DA0 LVDS output buffer powered down
1
PDN DB1
R/W
0
Powers down LVDS output buffer for channel B, lane 1. NOT
powered down automatically in 1-wire and 1/2-wire mode.
0: DB1 LVDS output buffer enabled
1: DB1 LVDS output buffer powered down
0
PDN DB0
R/W
0
Powers down LVDS output buffer for channel B, lane 0.
NOT powered down automatically in 1/2-wire mode.
0: DB0 LVDS output buffer enabled
1: DB0 LVDS output buffer powered down
ADC3683
SBAS872 – DECEMBER 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3683


유사한 부품 번호 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

유사한 설명 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com