전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3683 데이터시트(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3683
상세설명  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 데이터시트(HTML) 52 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 48Page - Texas Instruments ADC3683 Datasheet HTML 49Page - Texas Instruments ADC3683 Datasheet HTML 50Page - Texas Instruments ADC3683 Datasheet HTML 51Page - Texas Instruments ADC3683 Datasheet HTML 52Page - Texas Instruments ADC3683 Datasheet HTML 53Page - Texas Instruments ADC3683 Datasheet HTML 54Page - Texas Instruments ADC3683 Datasheet HTML 55Page - Texas Instruments ADC3683 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Figure 8-54. Register 0x1A
7
6
5
4
3
2
1
0
0
LVDS ½
SWING
0
0
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-24. Register 0x1A Field Descriptions
Bit
Field
Type
Reset
Description
7
0
R/W
0
Must write 0
6
LVDS ½ SWING
R/W
0
This bit reduces the LVDS output current from 3.5mA to 1.75mA
which reduces power consumption.
5-0
0
R/W
0
Must write 0
Figure 8-55. Register 0x1B
7
6
5
4
3
2
1
0
MAPPER EN
20B EN
BIT MAPPER RES
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-25. Register 0x1B Field Descriptions
Bit
Field
Type
Reset
Description
7
MAPPER EN
R/W
0
This bit enables changing the resolution of the output (including
output serialization factor) in bypass mode only. This bit is not
needed for 20-bit resolution output.
0: Output bit mapper disabled.
1: Output bit mapper enabled.
6
20B EN
R/W
0
This bit enables 20-bit output resolution which can be useful for
very high decimation settings so that quantization noise doesn't
impact the ADC performance.
0: 20-bit output resolution disabled.
1: 20-bit output resolution enabled.
5-3
BIT MAPPER RES
R/W
000
Sets the output resolution using the bit mapper. MAPPER EN bit
(D6) needs to be enabled when operating in bypass mode..
000: 18 bit
001: 16 bit
010: 14 bit
all others, n/a
2-0
0
R/W
0
Must write 0
Table 8-26. Register Settings for Output Bit Mapper vs Operating Mode
BYPASS/DECIMATION
OUTPUT RESOLUTION
MAPPER EN (D7)
BIT MAPPER RES (D5-D3)
Decimation Bypass
Resolution Change
1
000: 18-bit
001: 16-bit
010: 14-bit
Real Decimation
Resolution Change (default 18-bit)
0
Complex Decimation
0
ADC3683
SBAS872 – DECEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3683


유사한 부품 번호 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

유사한 설명 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com