전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3683 데이터시트(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC3683
상세설명  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 데이터시트(HTML) 28 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 24Page - Texas Instruments ADC3683 Datasheet HTML 25Page - Texas Instruments ADC3683 Datasheet HTML 26Page - Texas Instruments ADC3683 Datasheet HTML 27Page - Texas Instruments ADC3683 Datasheet HTML 28Page - Texas Instruments ADC3683 Datasheet HTML 29Page - Texas Instruments ADC3683 Datasheet HTML 30Page - Texas Instruments ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
8.3.3.2 External voltage reference (VREF)
For highest accuracy and lowest temperature drift, the VREF input can be directly connected to an external 1.6 V
reference. A 10 uF and a 0.1 uF ceramic bypass capacitor (CVREF) connected between the VREF and REFGND
pins and placed as close to the pins as possible is recommended. The load current from the external reference
is about 1mA.
Note: The internal reference is also used for other functions inside the device, therefore the reference amplifier
should only be powered down in power down state but not during normal operation.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Reference
1.6V
Figure 8-17. External 1.6 V reference
8.3.3.3 External voltage reference with internal buffer (REFBUF)
The ADC368x is equipped with an on-chip reference buffer that also includes gain to generate the 1.6 V
reference voltage from an external 1.2V reference. A 10 uF and a 0.1 uF ceramic bypass capacitor (CVREF)
between the VREF and REFGND pins and a 10 uF and a 0.1 uF ceramic bypass capacitor between the
REFBUF and REFGND pins are recommended. Both capacitors should be placed as close to the pins as
possible. The load current from the external reference is less than 100uA.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
CREFBUF
Reference
1.2V
Figure 8-18. External 1.2V reference using internal reference buffer
ADC3683
SBAS872 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3683


유사한 부품 번호 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

유사한 설명 - ADC3683

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com