전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25157 데이터시트(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ25157
상세설명  BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ25157 데이터시트(HTML) 45 Page - Texas Instruments

Back Button BQ25157 Datasheet HTML 41Page - Texas Instruments BQ25157 Datasheet HTML 42Page - Texas Instruments BQ25157 Datasheet HTML 43Page - Texas Instruments BQ25157 Datasheet HTML 44Page - Texas Instruments BQ25157 Datasheet HTML 45Page - Texas Instruments BQ25157 Datasheet HTML 46Page - Texas Instruments BQ25157 Datasheet HTML 47Page - Texas Instruments BQ25157 Datasheet HTML 48Page - Texas Instruments BQ25157 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
9.5.1.5 FLAG1 Register (Address = 0x4) [reset = 0x0]
FLAG1 is shown in Figure 9-20 and described in Table 9-14.
Return to Summary Table.
Clear on Read
Figure 9-20. FLAG1 Register
7
6
5
4
3
2
1
0
VIN_OVP_FAU
LT_FLAG
RESERVED
BAT_OCP_FAU
LT_FLAG
BAT_UVLO_FA
ULT_FLAG
TS_COLD_FLA
G
TS_COOL_FLA
G
TS_WARM_FL
AG
TS_HOT_FLAG
RC-1b0
RC-1b0
RC-1b0
RC-1b0
RC-1b0
RC-1b0
RC-1b0
RC-1b0
Table 9-14. FLAG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
VIN_OVP_FAULT_FLAG
RC
1b0
VIN Over Voltage Fault Flag
1b0 = No overvoltage condition detected
1b1 = VIN overvoltage condition detected
6
RESERVED
RC
1b0
Reserved
5
BAT_OCP_FAULT_FLAG RC
1b0
Battery Over Current Protection Flag
1b0 = No Battery Over Current condition detected
1b1 = Battery Over Current condition detected
4
BAT_UVLO_FAULT_FLAG RC
1b0
Battery Under Voltage Flag
1b0 = Battery below BATUVLO condition detected
1b1 = No Battery below BATUVLO condition detected
3
TS_COLD_FLAG
RC
1b0
TS Cold Region Entry Flag
1b0 = TS Cold Region Entry not detected
1b1 = TS Cold Region Entry detected
2
TS_COOL_FLAG
RC
1b0
TS Cool Region Entry Flag
1b0 = TS Cool Region Entry not detected
1b1 = TS Co0l Region Entry detected
1
TS_WARM_FLAG
RC
1b0
TS Warm Region Entry Flag
1b0 = TS Warm Region Entry not detected
1b1 = TS Warm Region Entry detected
0
TS_HOT_FLAG
RC
1b0
TS Hot Region Entry Flag
1b0 = TS Hot Region Entry not detected
1b1 = TS Hot Region Entry detected
www.ti.com
BQ25157
SLUSEC5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: BQ25157


유사한 부품 번호 - BQ25157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150YFPR TI1-BQ25150YFPR Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150YFPT TI1-BQ25150YFPT Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
More results

유사한 설명 - BQ25157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ21062 TI-BQ21062 Datasheet
1Mb / 69P
[Old version datasheet]   BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com