전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25157 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ25157
상세설명  BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ25157 데이터시트(HTML) 14 Page - Texas Instruments

Back Button BQ25157 Datasheet HTML 10Page - Texas Instruments BQ25157 Datasheet HTML 11Page - Texas Instruments BQ25157 Datasheet HTML 12Page - Texas Instruments BQ25157 Datasheet HTML 13Page - Texas Instruments BQ25157 Datasheet HTML 14Page - Texas Instruments BQ25157 Datasheet HTML 15Page - Texas Instruments BQ25157 Datasheet HTML 16Page - Texas Instruments BQ25157 Datasheet HTML 17Page - Texas Instruments BQ25157 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
8.7 Typical Characteristics (continued)
CIN = 1 µF, CPMID= 10 µF, CLSLDO = 2.2 µF, CBAT = 1 µF (unless otherwise specified)
ILOAD (A)
0.01 0.03 0.05 0.07 0.09 0.11 0.13 0.15 0.17 0.19
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
1.818
1.82
D008
TJ = -40C
TJ = 25C
TJ = 85C
VIN = 0 V
VBAT = 3.6 V
VINLS = VPMID
Figure 8-7. LDO Load Regulation (VLDO = 1.8 V)
ILOAD (A)
0.01 0.03 0.05 0.07 0.09 0.11 0.13 0.15 0.17 0.19
3.29
3.294
3.298
3.302
3.306
3.31
3.314
3.318
3.322
3.326
3.33
D010
TJ = -40C
TJ = 25C
TJ = 85C
VIN = 0 V
VBAT = 3.6 V
VINLS= VPMID
Figure 8-8. LDO Load Regulation (VLDO = 3.3 V)
VINLS (V)
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
1.19
1.192
1.194
1.196
1.198
1.2
1.202
1.204
1.206
1.208
1.21
D004
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-9. LDO Line Regulation (VLDO = 1.2 V)
VINLS (V)
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
1.79
1.792
1.794
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
D005
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-10. LDO Line Regulation (VLDO = 1.8 V)
VINLS (V)
3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
D006
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-11. LDO Line Regulation (VLDO = 3.3 V)
VINLS (V)
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
3.4
3.425
3.45
3.475
3.5
3.525
3.55
3.575
3.6
3.625
3.65
D007
TJ = -40C
TJ = 25C
TJ = 85C
VBAT = 4.4 V
ILOAD = 150 mA
Figure 8-12. LDO Line Regulation (VLDO = 3.6 V)
BQ25157
SLUSEC5 – DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25157


유사한 부품 번호 - BQ25157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150YFPR TI1-BQ25150YFPR Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150YFPT TI1-BQ25150YFPT Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
More results

유사한 설명 - BQ25157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ21062 TI-BQ21062 Datasheet
1Mb / 69P
[Old version datasheet]   BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com