전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25672 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ25672
상세설명  BQ25672 I2C Controlled, 1-4 Cell, 3-A Buck Battery Charger with Dual-Input Selector and Integrated ADC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ25672 데이터시트(HTML) 6 Page - Texas Instruments

Back Button BQ25672 Datasheet HTML 2Page - Texas Instruments BQ25672 Datasheet HTML 3Page - Texas Instruments BQ25672 Datasheet HTML 4Page - Texas Instruments BQ25672 Datasheet HTML 5Page - Texas Instruments BQ25672 Datasheet HTML 6Page - Texas Instruments BQ25672 Datasheet HTML 7Page - Texas Instruments BQ25672 Datasheet HTML 8Page - Texas Instruments BQ25672 Datasheet HTML 9Page - Texas Instruments BQ25672 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
Table 6-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
PMID
29
P
Q1 MOSFET Drain Connection – An internal N-channel high side MOSFET (Q1) is connected
between PMID and SW1 with drain on PMID and source on SW1. The recommended capacitors at
PMID are 3 pieces of 10μF and one piece of 0.1μF ceramic capacitors. Place the 0.1μF ceramic
capacitor as close as possible to the charger IC.
BQ25672
SLUSEB9 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25672


유사한 부품 번호 - BQ25672

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

유사한 설명 - BQ25672

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
BQ25790 TI1-BQ25790 Datasheet
2Mb / 133P
[Old version datasheet]   BQ25790 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25792 TI1-BQ25792 Datasheet
1Mb / 129P
[Old version datasheet]   BQ25792 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25798 TI-BQ25798 Datasheet
3Mb / 139P
[Old version datasheet]   BQ25798 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Solar Battery Charger with Dual-Input Selector and MPPT for Small Photovoltaic Panel
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
[Old version datasheet]   BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
[Old version datasheet]   BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com