전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP500YX 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP500YX
상세설명  DLP500YX 0.50 2048횞1200 DMD
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DLP500YX 데이터시트(HTML) 17 Page - Texas Instruments

Back Button DLP500YX Datasheet HTML 13Page - Texas Instruments DLP500YX Datasheet HTML 14Page - Texas Instruments DLP500YX Datasheet HTML 15Page - Texas Instruments DLP500YX Datasheet HTML 16Page - Texas Instruments DLP500YX Datasheet HTML 17Page - Texas Instruments DLP500YX Datasheet HTML 18Page - Texas Instruments DLP500YX Datasheet HTML 19Page - Texas Instruments DLP500YX Datasheet HTML 20Page - Texas Instruments DLP500YX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
VID
VCM
tr
tf
VLVDS(max)
VLVDS(min)
A. See Equation 2 and Equation 3
Figure 6-5. LVDS Waveform Requirements
V
LVDS
:max ; = VCM :max ; +
,
1
2
× V
ID
:max ;
,
(2)
V
LVDS
:min ; = VCM :min ;
F
,
1
2
× V
ID
:max ;
,
(3)
See Section 6.4 for VCM, VID, and VLVDS specifications and conditions.
DCLK_N
DCLK_P
D_N(15:0)
D_P(15:0)
50%
SCTRL_N
SCTRL_P
50%
tSU.
tH.
tH.
tSU.
50%
tW .
tC .
tSU.
tH.
tH.
tSU.
tW .
Figure 6-6. Timing Requirements
www.ti.com
DLP500YX
DLPS193 – NOVEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17


유사한 부품 번호 - DLP500YX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500 TI1-DLP5500 Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500AFYA TI1-DLP5500AFYA Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500BFYA TI1-DLP5500BFYA Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500FYA TI-DLP5500FYA Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results

유사한 설명 - DLP500YX

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com