전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP500YX 데이터시트(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP500YX
상세설명  DLP500YX 0.50 2048횞1200 DMD
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DLP500YX 데이터시트(HTML) 24 Page - Texas Instruments

Back Button DLP500YX Datasheet HTML 20Page - Texas Instruments DLP500YX Datasheet HTML 21Page - Texas Instruments DLP500YX Datasheet HTML 22Page - Texas Instruments DLP500YX Datasheet HTML 23Page - Texas Instruments DLP500YX Datasheet HTML 24Page - Texas Instruments DLP500YX Datasheet HTML 25Page - Texas Instruments DLP500YX Datasheet HTML 26Page - Texas Instruments DLP500YX Datasheet HTML 27Page - Texas Instruments DLP500YX Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
7 Detailed Description
7.1 Overview
The DLP500YX DMD is a 0.50-inch diagonal spatial light modulator which consists of an array of highly reflective
aluminum micromirrors. The DMD is an electrical input, optical output micro-electrical-mechanical system
(MEMS). The electrical interface is low voltage differential signaling (LVDS). The DMD consists of a two-
dimensional array of 1-bit CMOS memory cells. The array is organized in a grid of M memory cell columns by N
memory cell rows. Refer to the Section 7.2. The positive or negative deflection angle of the micromirrors can be
individually controlled by changing the address voltage of underlying CMOS addressing circuitry and micromirror
reset signals (MBRST).
The DMD is one part of a chipset comprising of the DLP500YX DMD and the DLPC900 Controller. To ensure
reliable operation, the DLPC900 Controller must always be used to control the DLP500YX DMD.
7.2 Functional Block Diagram
Word Lines
Voltages
Control
Channel A Interface
Control
Column Read and Write
Voltage
Generators
Micromirror Array
(0,0)
(M-1, N-1)
Row
Control
Control
Column Read and Write
Channel B Interface
Channels C and D not shown. For pin details on channels A, B, C, and D, refer to the Pin Configurations and Functions table and the
LVDS interface section of Section 6.8.
Figure 7-1. Functional Block Diagram
DLP500YX
DLPS193 – NOVEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated


유사한 부품 번호 - DLP500YX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP5500 TI1-DLP5500 Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500AFYA TI1-DLP5500AFYA Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500BFYA TI1-DLP5500BFYA Datasheet
1Mb / 46P
[Old version datasheet]   0.55 XGA Series
DLP5500FYA TI-DLP5500FYA Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
More results

유사한 설명 - DLP500YX

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com