전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0460AT 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 P0460AT
상세설명  N-Channel 650 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0460AT 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  P0460AT Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P0460AT Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
0.1
1
5
10
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
5
10
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
5
10
4.0
5.0
6.0
7.0
8.0
9.0
V
= 100V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
2.0
3.5
5.0
5.5
8.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
3.2A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0460AT
3


유사한 부품 번호 - P0460AT

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
P0460AD VBSEMI-P0460AD Datasheet
1Mb / 9P
   Power MOSFET
P0460AS VBSEMI-P0460AS Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

유사한 설명 - P0460AT

제조업체부품명데이터시트상세설명
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM165R02 VBSEMI-VBM165R02 Datasheet
761Kb / 9P
   N-Channel 650 V (D-S) MOSFET
AOT11S60 VBSEMI-AOT11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
2SK3050 VBSEMI-2SK3050 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
6R380C6 VBSEMI-6R380C6 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
11N60CFD VBSEMI-11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
12N50ES VBSEMI-12N50ES Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
14NM65N VBSEMI-14NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
4002H VBSEMI-4002H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com