전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS160PT801 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 DS160PT801
상세설명  DS160PT801 PCIe짰 4.0, 16Gbps, 8-Lane (16-Channel) Retimer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DS160PT801 데이터시트(HTML) 3 Page - Texas Instruments

  DS160PT801 Datasheet HTML 1Page - Texas Instruments DS160PT801 Datasheet HTML 2Page - Texas Instruments DS160PT801 Datasheet HTML 3Page - Texas Instruments DS160PT801 Datasheet HTML 4Page - Texas Instruments DS160PT801 Datasheet HTML 5Page - Texas Instruments DS160PT801 Datasheet HTML 6Page - Texas Instruments DS160PT801 Datasheet HTML 7Page - Texas Instruments DS160PT801 Datasheet HTML 8Page - Texas Instruments DS160PT801 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6 Device and Documentation Support
6.1 Device Support
6.1.1 Development Support
• IBIS-AMI model. Simulate the DS160PT801’s high-speed receiver and transmitter in tools which support
IBIS-AMI simulations. Contact your local Texas Instruments sales representative for the latest status of
available models.
• WEBENCH® Interface Designer. Simulate the DS160PT801’s high-speed receiver and transmitter in the
WEBENCH® web-based simulation environment. Contact your local Texas Instruments sales representative
for the latest status of available models.
6.1.2 12.1.2 Device Nomenclature
• x2 – Two-lane PCI-Express Link, also referred to as by-2.
• x4 – Four-lane PCI-Express Link, also referred to as by-4.
• x8 – Eight-lane PCI-Express Link, also referred to as by-8.
• x16 – Sixteen-lane PCI-Express Link, also referred to as by-16.
• Bifurcation – Dividing a by-M PCI-Express Link (for example, x8) into two or more separate by-N Links (for
example, two x4), where N < M.
• Stacking – Combining multiple by-N devices (for example, two x8) to form a by-M interface (for example,
x16), where M > N.
6.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
6.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
6.4 Trademarks
TI E2Eis a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
6.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
6.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
DS160PT801
SNLS592 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DS160PT801


유사한 부품 번호 - DS160PT801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR1601ZDGR TI1-DS160PR1601ZDGR Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR1601ZDGT TI1-DS160PR1601ZDGT Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
More results

유사한 설명 - DS160PT801

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI2EQX5984 PERICOM-PI2EQX5984 Datasheet
561Kb / 1P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI7C9X20404SL PERICOM-PI7C9X20404SL Datasheet
78Kb / 1P
   PCIe짰 4-Port/4-Lane SlimLine
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
[Old version datasheet]   Low Power, Dual Lane Thunderbolt Retimer
logo
Pericom Semiconductor C...
PI7C9X20505GP PERICOM-PI7C9X20505GP Datasheet
71Kb / 1P
   PCIe짰 Packet Switch - 5-Port/5-lane
logo
Intersil Corporation
ISL35822 INTERSIL-ISL35822 Datasheet
1Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
logo
Renesas Technology Corp
ISL35822 RENESAS-ISL35822 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
BBT3821 RENESAS-BBT3821 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
logo
Intersil Corporation
BBT3821 INTERSIL-BBT3821 Datasheet
1Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
logo
Texas Instruments
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com