전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS160PT801 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 DS160PT801
상세설명  DS160PT801 PCIe짰 4.0, 16Gbps, 8-Lane (16-Channel) Retimer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DS160PT801 데이터시트(HTML) 2 Page - Texas Instruments

  DS160PT801 Datasheet HTML 1Page - Texas Instruments DS160PT801 Datasheet HTML 2Page - Texas Instruments DS160PT801 Datasheet HTML 3Page - Texas Instruments DS160PT801 Datasheet HTML 4Page - Texas Instruments DS160PT801 Datasheet HTML 5Page - Texas Instruments DS160PT801 Datasheet HTML 6Page - Texas Instruments DS160PT801 Datasheet HTML 7Page - Texas Instruments DS160PT801 Datasheet HTML 8Page - Texas Instruments DS160PT801 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (cont'd).........................................................2
6 Device and Documentation Support..............................3
6.1 Device Support........................................................... 3
6.2 Receiving Notification of Documentation Updates......3
6.3 Support Resources..................................................... 3
6.4 Trademarks.................................................................3
6.5 Electrostatic Discharge Caution..................................3
6.6 Glossary......................................................................3
7 Mechanical, Packaging, and Orderable Information.... 3
4 Revision History
Date
Revision
Notes
December 2020
*
Initial Public Release
5 Description (cont'd)
The DS160PT801 is configurable through SMBus interface. The Initial configuration can be automatically loaded
from external EEPROM. Up to 16 devices can share a single EEPROM.
DS160PT801
SNLS592 – DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PT801


유사한 부품 번호 - DS160PT801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR1601ZDGR TI1-DS160PR1601ZDGR Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR1601ZDGT TI1-DS160PR1601ZDGT Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
More results

유사한 설명 - DS160PT801

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI2EQX5984 PERICOM-PI2EQX5984 Datasheet
561Kb / 1P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
PI7C9X20404SL PERICOM-PI7C9X20404SL Datasheet
78Kb / 1P
   PCIe짰 4-Port/4-Lane SlimLine
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
[Old version datasheet]   Low Power, Dual Lane Thunderbolt Retimer
logo
Pericom Semiconductor C...
PI7C9X20505GP PERICOM-PI7C9X20505GP Datasheet
71Kb / 1P
   PCIe짰 Packet Switch - 5-Port/5-lane
logo
Intersil Corporation
ISL35822 INTERSIL-ISL35822 Datasheet
1Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
logo
Renesas Technology Corp
ISL35822 RENESAS-ISL35822 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
BBT3821 RENESAS-BBT3821 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
logo
Intersil Corporation
BBT3821 INTERSIL-BBT3821 Datasheet
1Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
logo
Texas Instruments
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com