전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0903BIG 데이터시트(PDF) 4 Page - VBsemi Electronics Co.,Ltd

부품명 P0903BIG
상세설명  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0903BIG 데이터시트(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  P0903BIG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = 25 °C
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID =5mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
012
345
67
8
910
VGS - Gate-to-Source Voltage (V)
TJ =25 °C
TJ = 125 °C
ID =10A
0
24
48
72
96
120
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1ms
10 ms
100 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited byRDS(on)*
1s
DC
10 s
BVDSS
Limited
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0903BIG
4


유사한 부품 번호 - P0903BIG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P0903BI ETC1-P0903BI Datasheet
127Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P0903BI VBSEMI-P0903BI Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - P0903BIG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com