전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0903BIG 데이터시트(PDF) 1 Page - VBsemi Electronics Co.,Ltd

부품명 P0903BIG
상세설명  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0903BIG 데이터시트(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  P0903BIG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0903BIG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC Conversion
- System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
30
0.07 at VGS = 10 V
53
19 nC
0.09 at VGS= 4.5 V
48
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
53
A
TC = 70 °C
41
TA = 25 °C
14b, c
TA = 70 °C
10 b, c
Pulsed Drain Current
IDM
165
Avalanche Current
L = 0.1 mH
IAS
25
Avalanche Energy
EAS
40
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
15
A
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
28
W
TC = 70 °C
18
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
≤ 10 s
RthJA
29
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.6
4.5
RoHS
COMPLIANT
TO-251
S
D
G
Top View
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0903BIG
1


유사한 부품 번호 - P0903BIG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P0903BI ETC1-P0903BI Datasheet
127Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P0903BI VBSEMI-P0903BI Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - P0903BIG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com