전자부품 데이터시트 검색엔진 |
|
P0903BIG 데이터시트(PDF) 2 Page - VBsemi Electronics Co.,Ltd |
|
P0903BIG 데이터시트(HTML) 2 Page - VBsemi Electronics Co.,Ltd |
2 / 8 page Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA 30 V VDS Temperature Coefficient ΔV DS/TJ ID = 250 µA 33 mV/°C VGS(th) Temperature Coefficient ΔV GS(th)/TJ - 5 Gate-Source Threshold Voltage VGS(th) VDS = VGS , ID = 250 µA 1.2 3.0 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 20 V ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V 1 µA VDS = 30 V, VGS = 0 V, TJ = 55 °C 5 On-State Drain Currenta ID(on) VDS ≥ 5 V, VGS = 10 V 15 A Drain-Source On-State Resistancea RDS(on) VGS = 10 V, ID = 10 A 0.070 Ω VGS = 4.5 V, ID = 7 A 0.09 Forward Transconductancea gfs VDS = 15 V, ID = 10 A 24 S Dynamicb Input Capacitance Ciss VDS = 15 V, VGS = 0 V, f = 1 MHz 1400 pF Output Capacitance Coss 200 Reverse Transfer Capacitance Crss 150 Total Gate Charge Qg VDS = 15 V, VGS = 10 V, ID = 10 A 33 nC VDS = 15 V, VGS = 4.5 V, ID = 10 A 18 Gate-Source Charge Qgs 7.3 Gate-Drain Charge Qgd 6.2 Gate Resistance Rg f = 1 MHz 0.2 0.8 1.6 Ω Turn-On Delay Time td(on) VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω 15 30 ns Rise Time tr 12 24 Turn-Off Delay Time td(off) 13 26 Fall Time tf 10 20 Turn-On Delay Time td(on) VDD = 15 V, RL = 1.5 Ω ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω 918 Rise Time tr 918 Turn-Off Delay Time td(off) 14 28 Fall Time tf 816 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C 16 A Pulse Diode Forward Current ISM 32 Body Diode Voltage VSD IS = 3 A, VGS = 0 V 0.78 1.2 V Body Diode Reverse Recovery Time trr IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C 17 34 ns Body Diode Reverse Recovery Charge Qrr 9.5 19 nC Reverse Recovery Fall Time ta 10 ns Reverse Recovery Rise Time tb 7 0 E-mail:China@VBsemi TEL:86-755-83251052 www.VBsemi.tw P0903BIG 2 |
유사한 부품 번호 - P0903BIG |
|
유사한 설명 - P0903BIG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |