전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P5504EVG 데이터시트(PDF) 2 Page - VBsemi Electronics Co.,Ltd

부품명 P5504EVG
상세설명  P-Channel 40 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P5504EVG 데이터시트(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  P5504EVG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd P5504EVG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 40
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 36
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 1.2
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 40 V, VGS = 0 V
- 1
µA
VDS = - 40 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 10 V
- 25
A
Drain-Source On-State Resistancea
RDS(on)
VGS - 10 V, ID = - 10.2 A
0.01
0
VGS - 4.5 V, ID = - 8.4 A
0.01
4
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 10.2 A
37
S
Dynamicb
Input Capacitance
Ciss
VDS = - 20 V, VGS = 0 V, f = 1 MHz
3007
pF
Output Capacitance
Coss
335
Reverse Transfer Capacitance
Crss
291
Total Gate Charge
Qg
VDS = - 20 V, VGS = - 10 V, ID = - 10.2 A
64
95
nC
VDS = - 20 V, VGS = - 4.5 V, ID = - 10.2 A
33
50
Gate-Source Charge
Qgs
9.8
Gate-Drain Charge
Qgd
15.7
Gate Resistance
Rg
f = 1 MHz
0.4
2
4
Turn-On Delay Time
td(on)
VDD = - 20 V, RL = 2.4 
ID  - 8.2 A, VGEN = - 4.5 V, Rg = 1 
57
86
ns
Rise Time
tr
50
75
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
17
26
Turn-On Delay Time
td(on)
VDD = - 20 V, RL = 2.4 
ID  - 8.2 A, VGEN = - 10 V, Rg = 1 
13
20
Rise Time
tr
11
20
Turn-Off Delay Time
td(off)
45
68
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 5.3
A
Pulse Diode Forward Current
ISM
- 50
Body Diode Voltage
VSD
IS = - 8.2 A, VGS 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 8.2 A, dI/dt = 100 A/µs, TJ = 25 °C
36
54
ns
Body Diode Reverse Recovery Charge
Qrr
41
62
nC
Reverse Recovery Fall Time
ta
20
ns
Reverse Recovery Rise Time
tb
16
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P5504EVG
2


유사한 부품 번호 - P5504EVG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P5504EVG ETC2-P5504EVG Datasheet
297Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P5504EVG UNIKC-P5504EVG Datasheet
362Kb / 5P
   P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - P5504EVG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com