전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISOW7741 데이터시트(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
부품명 ISOW7741
상세설명  ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ISOW7741 데이터시트(HTML) 30 Page - Texas Instruments

Back Button ISOW7741 Datasheet HTML 26Page - Texas Instruments ISOW7741 Datasheet HTML 27Page - Texas Instruments ISOW7741 Datasheet HTML 28Page - Texas Instruments ISOW7741 Datasheet HTML 29Page - Texas Instruments ISOW7741 Datasheet HTML 30Page - Texas Instruments ISOW7741 Datasheet HTML 31Page - Texas Instruments ISOW7741 Datasheet HTML 32Page - Texas Instruments ISOW7741 Datasheet HTML 33Page - Texas Instruments ISOW7741 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
10.2.1 Design Requirements
To design with this device, use the parameters listed in Table 10-1.
Table 10-1. Design Parameters
PARAMETER
VALUE
Input voltage
3 V to 5.5 V
Decoupling capacitor between VDD and GND1
0.01 µF to 20 µF
Decoupling capacitor between VISOOUT and GND2
0.01 µF to 20 µF
Because of very-high current flowing through the ISOW7741 device device VDD and VISOOUT supplies, higher
decoupling capacitors typically provide better noise and ripple performance. Although a 10-µF capacitor is
adequate, higher decoupling capacitors (such as 47 µF) on both the VDD and VISOOUT pins to the respective
grounds are strongly recommended to achieve the best performance.
10.2.2 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 10-2 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
voltage, VDE reinforced certification requires additional safety margin of 20% for working voltage and 87.5% for
lifetime which translates into minimum required insulation lifetime of 37.5 years at a working voltage that's 20%
higher than the specified value.
Figure 10-3 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over its lifetime.
Based on the TDDB data, the intrinsic capability of the insulation is 1000 VRMS with a lifetime of 1184 years.
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 10-2. Test Setup for Insulation Lifetime Measurement
ISOW7741
SLLSFK1 – DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISOW7741


유사한 부품 번호 - ISOW7741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISOW7741 TI-ISOW7741 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741 TI-ISOW7741 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW7741BDFMR TI-ISOW7741BDFMR Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741BDFMR TI-ISOW7741BDFMR Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
More results

유사한 설명 - ISOW7741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7840 TI1-ISOW7840 Datasheet
1Mb / 38P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolators With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7740 TI-ISOW7740_V01 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW7721 TI-ISOW7721 Datasheet
3Mb / 53P
[Old version datasheet]   ISOW7721 Two-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
JULY 2022
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400_08 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com