전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISOW7741 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 ISOW7741
상세설명  ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ISOW7741 데이터시트(HTML) 6 Page - Texas Instruments

Back Button ISOW7741 Datasheet HTML 2Page - Texas Instruments ISOW7741 Datasheet HTML 3Page - Texas Instruments ISOW7741 Datasheet HTML 4Page - Texas Instruments ISOW7741 Datasheet HTML 5Page - Texas Instruments ISOW7741 Datasheet HTML 6Page - Texas Instruments ISOW7741 Datasheet HTML 7Page - Texas Instruments ISOW7741 Datasheet HTML 8Page - Texas Instruments ISOW7741 Datasheet HTML 9Page - Texas Instruments ISOW7741 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Power Converter
VDD
Power converter supply
voltage
3.3 V operation
2.97
3.3
3.63
V
5 V operation
4.5
5
5.5
V
VDD(UVLO
+)
Positive threshold when power
converter supply is rising
Positive threshold when power converter
supply is rising
2.7
2.95
V
VDD(UVLO-
)
Positive threshold when power
converter supply is falling
Positive threshold when power converter
supply is falling
2.40
2.55
V
VDD(HYS)
Power converter supply
voltage hysteresis
Power converter supply voltage hysteresis
0.15
V
Channel Isolation
VIO,
VISOIN
Channel logic supply voltage
1.8 V operation
1.71
1.89
V
2.5 V, 3.3 V, and 5 V operation
2.25
5.5
V
VIO(UVLO
+)
Rising threshold of logic supply voltage
1.55
1.7
V
VIO(UVLO-) Falling threshold of logic supply voltage
1.0
1.41
V
VIO(HYS)
Logic supply voltage hysteresis
75
mV
IOH
High level output current(1)
VISOIN = 5 V
–4
mA
VISOIN = 3.3 V
–2
mA
VISOIN = 2.5 V
–1
mA
VISOIN = 1.8 V
–1
mA
IOL
Low level output current(1)
VISOIN = 5 V
4
mA
VISOIN = 3.3 V
2
mA
VISOIN = 2.5 V
1
mA
VISOIN = 1.8 V
1
mA
VIH
High-level input voltage
0.7 × VSI
VSI
V
VIL
Low-level input voltage
0
0.3 × VSI
V
DR
Data rate
100
Mbps
tPWRUP
Channel isolator ready after
power up or EN_DCDC high
VISOIN > VIO(UVLO+)
5
ms
TA
Ambient temperature
–40
125
°C
(1)
This current is for data output channel.
ISOW7741
SLLSFK1 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISOW7741


유사한 부품 번호 - ISOW7741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISOW7741 TI-ISOW7741 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741 TI-ISOW7741 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW7741BDFMR TI-ISOW7741BDFMR Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741BDFMR TI-ISOW7741BDFMR Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
More results

유사한 설명 - ISOW7741

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7840 TI1-ISOW7840 Datasheet
1Mb / 38P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolators With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7740 TI-ISOW7740_V01 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW7721 TI-ISOW7721 Datasheet
3Mb / 53P
[Old version datasheet]   ISOW7721 Two-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
JULY 2022
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400_08 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com