전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM393LV 데이터시트(PDF) 15 Page - Texas Instruments

부품명 LM393LV
상세설명  LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM393LV 데이터시트(HTML) 15 Page - Texas Instruments

Back Button LM393LV_V01 Datasheet HTML 11Page - Texas Instruments LM393LV_V01 Datasheet HTML 12Page - Texas Instruments LM393LV_V01 Datasheet HTML 13Page - Texas Instruments LM393LV_V01 Datasheet HTML 14Page - Texas Instruments LM393LV_V01 Datasheet HTML 15Page - Texas Instruments LM393LV_V01 Datasheet HTML 16Page - Texas Instruments LM393LV_V01 Datasheet HTML 17Page - Texas Instruments LM393LV_V01 Datasheet HTML 18Page - Texas Instruments LM393LV_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
6.10 Typical Characteristics (continued)
TA = 25°C, VS = 5 V, RPULLUP = 2.5k, CL = 15 pF, VCM = GND, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 125°C
Vin = V+
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-25. Offset Voltage vs. Supply Voltage at 125°C, VIN=V+
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 125°C
Vin = GND
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-26. Offset Voltage vs. Supply Voltage at 125°C, VIN=0V
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = 25°C
Vin = V+
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-27. Offset Voltage vs. Supply Voltage at 25°C, VIN=V+
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = -40°C
Vin = GND
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-28. Offset Voltage vs. Supply Voltage at 25°C, VIN=0V
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = -40°C
Vin = V+
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-29. Offset Voltage vs. Supply Voltage at -40°C, VIN=V+
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
TA = -40°C
Vin = GND
Unit 1
Unit 2
Unit 3
Unit 4
Figure 6-30. Offset Voltage vs. Supply Voltage at -40°C, VIN=0V
www.ti.com
LM393LV, LM339LV
SNOSDA4B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM393LV LM339LV


유사한 부품 번호 - LM393LV_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
More results

유사한 설명 - LM393LV_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
TL331LV TI-TL331LV Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V01 Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V02 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
LM393LV-Q1 TI1-LM393LV-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
LM393LV-Q1 TI-LM393LV-Q1_V03 Datasheet
2Mb / 46P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV-Q1 TI-LM393LV-Q1_V02 Datasheet
2Mb / 44P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com