전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPA2991-Q1 데이터시트(PDF) 9 Page - Texas Instruments

부품명 OPA2991-Q1
상세설명  OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPA2991-Q1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button OPA2991-Q1_V01 Datasheet HTML 5Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 6Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 7Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 8Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 9Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 10Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 11Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 12Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
For VS = (V+) – (V–) = 2.7 V to 40 V (±1.35 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VO
UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth
product
4.5
MHz
SR
Slew rate
VS = 40 V, G = +1, CL = 20 pF
21
V/µs
tS
Settling time
To 0.01%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
2.5
µs
To 0.01%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
1.5
To 0.1%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
2
To 0.1%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
1
Phase margin
G = +1, RL = 10 kΩ
60
°
Overload recovery
time
VIN × gain > VS
400
ns
THD+N
Total harmonic
distortion + noise
VS = 40 V, VO = 3 VRMS, G = 1, f = 1 kHz
0.00021
%
OUTPUT
Voltage output swing
from rail
Positive and negative rail
headroom
VS = 40 V, RL = no
load(1)
5
10
mV
VS = 40 V, RL = 10 kΩ
50
55
VS = 40 V, RL = 2 kΩ
200
250
VS = 2.7 V, RL = no
load(1)
1
6
VS = 2.7 V, RL = 10 kΩ
5
12
VS = 2.7 V, RL = 2 kΩ
25
40
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
1000
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
525
POWER SUPPLY
IQ
Quiescent current per
amplifier
VCM = V–, IO = 0 A
560
685
µA
TA = –40°C to 125°C
750
(1)
Specified by characterization only.
www.ti.com
OPA2991-Q1, OPA4991-Q1
SBOSA12A – MARCH 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA2991-Q1 OPA4991-Q1


유사한 부품 번호 - OPA2991-Q1_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

유사한 설명 - OPA2991-Q1_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA991-Q1 TI-OPA991-Q1_V02 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
SEPTEMBER 2021
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V01 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V04 Datasheet
3Mb / 55P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
OPA991-Q1 TI-OPA991-Q1_V06 Datasheet
3Mb / 61P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2023
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com