전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMAG5110 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMAG5110
상세설명  TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMAG5110 데이터시트(HTML) 1 Page - Texas Instruments

  TMAG5110 Datasheet HTML 1Page - Texas Instruments TMAG5110 Datasheet HTML 2Page - Texas Instruments TMAG5110 Datasheet HTML 3Page - Texas Instruments TMAG5110 Datasheet HTML 4Page - Texas Instruments TMAG5110 Datasheet HTML 5Page - Texas Instruments TMAG5110 Datasheet HTML 6Page - Texas Instruments TMAG5110 Datasheet HTML 7Page - Texas Instruments TMAG5110 Datasheet HTML 8Page - Texas Instruments TMAG5110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
1 Features
• 2D sensing with planar and vertical hall sensors
• Inherent quadrature independent of magnet
alignment or magnet pole pitch
• Two functional options available:
– TMAG5110: independent 2D outputs
– TMAG5111: speed and direction outputs
• Ultra-high magnetic sensitivity:
– TMAG511xx2: ±1.4 mT (typical)
– TMAG511xx4: ±3 mT (typical)
• Fast 40-kHz sensing bandwidth
• 2.5-V to 38-V operating VCC range
• Open-drain output (10-mA sink)
• Wide ambient operating temperature range:
– –40 °C to +125 °C
• Protection Features
– Reverse Supply Protection (up to –20 V)
– Device survives up to 40-V
– Output Short-Circuit Protection
– Output Current Limitation
2 Applications
• Incremental rotary encoding
• Linear speed and direction control
– Motorized window blinds and shades
– Motorized garage door
• Angular position detection
– Knob control
– Fluid measurement
• Angular speed and direction
– Electric pumps
– Blower fans
– Wheel and motor speed
Device Axis Polarities
3 Description
The TMAG5110 and TMAG5111 are 2-dimensional,
dual Hall-effect latches operating from a 2.5-V to 38-V
power supply. Designed for high-speed and high-
temperature motor applications, these devices are
optimized
for
applications
leveraging
rotating
magnets. Integrating two sensors and two separate
signal chains the TMAG511x offers two independent
digital outputs giving speed and direction calculation
(TMAG5111) or giving directly the digital output of
each independent latches(TMAG5110). This high
level of integration allow the use of a single
TMAG511x device instead of two separate latches.
The device is offered in a standard 3-mT operating
point, as well as a high-sensitivity 1.4-mT operating
point. The higher magnetic sensitivity provides
flexibility in low-cost magnet selection and mechanical
component placement. The TMAG511x is also
available in three 2-axis combination options (X-Y, Z-
X, Z-Y) to allow flexible placement of the sensor
relative to the magnet.
The device performs consistently across a wide
ambient temperature range of –40 °C to +125 °C.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
TMAG5110
SOT-23 (5)
2.9 mm × 1.6 mm
TMAG5111 (2)
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
Advanced Information
OUT1
OUT2
Time
PULSE
DIR
Time
Change of
Direction
Voltage
Voltage
TMAG5110
TMAG5111
Change of
Direction
Device Outputs
www.ti.com
TMAG5110, TMAG5111
SBAS933 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMAG5110 TMAG5111
TMAG5110, TMAG5111
SBAS933 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


유사한 부품 번호 - TMAG5110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMAG5110 TI-TMAG5110 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110 TI-TMAG5110 Datasheet
2Mb / 44P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
More results

유사한 설명 - TMAG5110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMAG5110 TI-TMAG5110_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110 TI-TMAG5110_V02 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V01 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V03 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110-Q1 TI-TMAG5110-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110-Q1 TI-TMAG5110-Q1_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
logo
Allegro MicroSystems
A1262 ALLEGRO-A1262 Datasheet
2Mb / 17P
   2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com