전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28335 데이터시트(PDF) 24 Page - Texas Instruments

부품명 TMS320F28335
상세설명  TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28335 데이터시트(HTML) 24 Page - Texas Instruments

Back Button TMS320F28335_V02 Datasheet HTML 20Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 21Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 22Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 23Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 24Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 25Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 26Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 27Page - Texas Instruments TMS320F28335_V02 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 208 page
background image
24
TMS320F28335, TMS320F28334, TMS320F28333, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439O – JUNE 2007 – REVISED APRIL 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28335 TMS320F28334 TMS320F28333 TMS320F28332 TMS320F28235
TMS320F28234 TMS320F28232
Terminal Configuration and Functions
Copyright © 2007–2019, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
NAME
PIN NO.
DESCRIPTION (1)
PGF,
PTP
PIN #
ZHH
BALL #
ZJZ
BALL #
GPIO6
EPWM4A
EPWMSYNCI
EPWMSYNCO
13
E1
F1
General-purpose input/output 6 (I/O/Z)
Enhanced PWM4 output A and HRPWM channel (O)
External ePWM sync pulse input (I)
External ePWM sync pulse output (O)
GPIO7
EPWM4B
MCLKRA
ECAP2
16
F2
F2
General-purpose input/output 7 (I/O/Z)
Enhanced PWM4 output B (O)
McBSP-A receive clock (I/O)
Enhanced capture input/output 2 (I/O)
GPIO8
EPWM5A
CANTXB
ADCSOCAO
17
F1
F3
General-purpose Input/Output 8 (I/O/Z)
Enhanced PWM5 output A and HRPWM channel (O)
Enhanced CAN-B transmit (O)
ADC start-of-conversion A (O)
GPIO9
EPWM5B
SCITXDB
ECAP3
18
G5
G1
General-purpose input/output 9 (I/O/Z)
Enhanced PWM5 output B (O)
SCI-B transmit data(O)
Enhanced capture input/output 3 (I/O)
GPIO10
EPWM6A
CANRXB
ADCSOCBO
19
G4
G2
General-purpose input/output 10 (I/O/Z)
Enhanced PWM6 output A and HRPWM channel (O)
Enhanced CAN-B receive (I)
ADC start-of-conversion B (O)
GPIO11
EPWM6B
SCIRXDB
ECAP4
20
G2
G3
General-purpose input/output 11 (I/O/Z)
Enhanced PWM6 output B (O)
SCI-B receive data (I)
Enhanced CAP Input/Output 4 (I/O)
GPIO12
TZ1
CANTXB
MDXB
21
G3
H1
General-purpose input/output 12 (I/O/Z)
Trip Zone input 1 (I)
Enhanced CAN-B transmit (O)
McBSP-B transmit serial data (O)
GPIO13
TZ2
CANRXB
MDRB
24
H3
H2
General-purpose input/output 13 (I/O/Z)
Trip Zone input 2 (I)
Enhanced CAN-B receive (I)
McBSP-B receive serial data (I)
GPIO14
25
H2
H3
General-purpose input/output 14 (I/O/Z)
TZ3/XHOLD
Trip Zone input 3/External Hold Request. XHOLD, when active (low), requests the external
interface (XINTF) to release the external bus and place all buses and strobes into a high-
impedance state. To prevent this from happening when TZ3 signal goes active, disable this
function by writing XINTCNF2[HOLD] = 1. If this is not done, the XINTF bus will go into
high impedance anytime TZ3 goes low. On the ePWM side, TZn signals are ignored by
default, unless they are enabled by the code. The XINTF will release the bus when any
current access is complete and there are no pending accesses on the XINTF. (I)
SCITXDB
SCI-B Transmit (O)
MCLKXB
McBSP-B transmit clock (I/O)
GPIO15
26
H4
J1
General-purpose input/output 15 (I/O/Z)
TZ4/XHOLDA
Trip Zone input 4/External Hold Acknowledge. The pin function for this option is based on
the direction chosen in the GPADIR register. If the pin is configured as an input, then TZ4
function is chosen. If the pin is configured as an output, then XHOLDA function is chosen.
XHOLDA is driven active (low) when the XINTF has granted an XHOLD request. All XINTF
buses and strobe signals will be in a high-impedance state. XHOLDA is released when the
XHOLD signal is released. External devices should only drive the external bus when
XHOLDA is active (low). (I/O)
SCIRXDB
SCI-B receive (I)
MFSXB
McBSP-B transmit frame synch (I/O)
GPIO16
SPISIMOA
CANTXB
TZ5
27
H5
J2
General-purpose input/output 16 (I/O/Z)
SPI slave in, master out (I/O)
Enhanced CAN-B transmit (O)
Trip Zone input 5 (I)


유사한 부품 번호 - TMS320F28335_V02

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
More results

유사한 설명 - TMS320F28335_V02

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335_016 TI1-TMS320F28335_016 Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
1Mb / 100P
[Old version datasheet]   Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com