전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28379S 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TMS320F28379S
상세설명  TMS320F2837xS Microcontrollers
Download  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28379S 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TMS320F28379S_V01 Datasheet HTML 29Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 30Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 31Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 32Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 33Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 34Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 35Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 36Page - Texas Instruments TMS320F28379S_V01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 229 page
background image
33
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Terminal Configuration and Functions
Copyright © 2014–2020, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO102
0, 4, 8, 12
H3
I/O
General-purpose input/output 102
EM2A4
3
O
External memory interface 2 address line 4
EQEP2S
5
I/O
Enhanced QEP2 strobe
SPICLKC
6
I/O
SPI-C clock
GPIO103
0, 4, 8, 12
J1
I/O
General-purpose input/output 103
EM2A5
3
O
External memory interface 2 address line 5
EQEP2I
5
I/O
Enhanced QEP2 index
SPISTEC
6
I/O
SPI-C slave transmit enable
GPIO104
0, 4, 8, 12
J2
I/O
General-purpose input/output 104
SDAA
1
I/OD
I2C-A data open-drain bidirectional port
EM2A6
3
O
External memory interface 2 address line 6
EQEP3A
5
I
Enhanced QEP3 input A
SCITXDD
6
O
SCI-D transmit data
GPIO105
0, 4, 8, 12
J3
I/O
General-purpose input/output 105
SCLA
1
I/OD
I2C-A clock open-drain bidirectional port
EM2A7
3
O
External memory interface 2 address line 7
EQEP3B
5
I
Enhanced QEP3 input B
SCIRXDD
6
I
SCI-D receive data
GPIO106
0, 4, 8, 12
L2
I/O
General-purpose input/output 106
EM2A8
3
O
External memory interface 2 address line 8
EQEP3S
5
I/O
Enhanced QEP3 strobe
SCITXDC
6
O
SCI-C transmit data
GPIO107
0, 4, 8, 12
L3
I/O
General-purpose input/output 107
EM2A9
3
O
External memory interface 2 address line 9
EQEP3I
5
I/O
Enhanced QEP3 index
SCIRXDC
6
I
SCI-C receive data
GPIO108
0, 4, 8, 12
L4
I/O
General-purpose input/output 108
EM2A10
3
O
External memory interface 2 address line 10
GPIO109
0, 4, 8, 12
N2
I/O
General-purpose input/output 109
EM2A11
3
O
External memory interface 2 address line 11
GPIO110
0, 4, 8, 12
M2
I/O
General-purpose input/output 110
EM2WAIT
3
I
External memory interface 2 Asynchronous SRAM WAIT
GPIO111
0, 4, 8, 12
M4
I/O
General-purpose input/output 111
EM2BA0
3
O
External memory interface 2 bank address 0
GPIO112
0, 4, 8, 12
M3
I/O
General-purpose input/output 112
EM2BA1
3
O
External memory interface 2 bank address 1
GPIO113
0, 4, 8, 12
N4
I/O
General-purpose input/output 113
EM2CAS
3
O
External memory interface 2 column address strobe
GPIO114
0, 4, 8, 12
N3
I/O
General-purpose input/output 114
EM2RAS
3
O
External memory interface 2 row address strobe
GPIO115
0, 4, 8, 12
V12
I/O
General-purpose input/output 115
EM2CS0
3
O
External memory interface 2 chip select 0
GPIO116
0, 4, 8, 12
W10
I/O
General-purpose input/output 116
EM2CS2
3
O
External memory interface 2 chip select 2


유사한 부품 번호 - TMS320F28379S_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320F28379S TI-TMS320F28379S_V02 Datasheet
5Mb / 225P
[Old version datasheet]   TMS320F2837xS Microcontrollers
More results

유사한 설명 - TMS320F28379S_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320F28379S TI-TMS320F28379S_V02 Datasheet
5Mb / 225P
[Old version datasheet]   TMS320F2837xS Microcontrollers
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com