전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX7208 데이터시트(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
부품명 TMUX7208
상세설명  TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 데이터시트(HTML) 31 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 27Page - Texas Instruments TMUX7208 Datasheet HTML 28Page - Texas Instruments TMUX7208 Datasheet HTML 29Page - Texas Instruments TMUX7208 Datasheet HTML 30Page - Texas Instruments TMUX7208 Datasheet HTML 31Page - Texas Instruments TMUX7208 Datasheet HTML 32Page - Texas Instruments TMUX7208 Datasheet HTML 33Page - Texas Instruments TMUX7208 Datasheet HTML 34Page - Texas Instruments TMUX7208 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Figure 9-2. Driving SAR ADC
9.2.3 Application Curve
The low on and off leakage currents of TMUX7208 and ultra-low charge injection performance make this device
ideal for implementing high precision industrial systems. The TMUX7208 contains specialized architecture to
reduce charge injection on the Drain side (D) (See Section 8.3.6 for more details). Figure 9-3 shows the plot for
the charge injection versus source voltage for the TMUX7208.
TA = 25°C
Figure 9-3. Charge Injection vs Drain Voltage
www.ti.com
TMUX7208, TMUX7209
SCDS418 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMUX7208 TMUX7209


유사한 부품 번호 - TMUX7208

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 52P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7208PWR TI-TMUX7208PWR Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208PWR TI-TMUX7208PWR Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
More results

유사한 설명 - TMUX7208

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
[Old version datasheet]   TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
[Old version datasheet]   TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
[Old version datasheet]   TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com