전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS25940-Q1 데이터시트(PDF) 49 Page - Texas Instruments

부품명 TPS25940-Q1
상세설명  TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS25940-Q1 데이터시트(HTML) 49 Page - Texas Instruments

Back Button TPS25940-Q1_V01 Datasheet HTML 42Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 43Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 44Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 45Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 46Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 47Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 48Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 49Page - Texas Instruments TPS25940-Q1_V01 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
20X (0.6)
20X (0.2)
16X (0.5)
(2.8)
(3.8)
2X (1.47)
(0.675)
TYP
(R0.05) TYP
2X
(1.15)
WQFN - 0.8 mm max height
RVC0020A
PLASTIC QUAD FLATPACK - NO LEAD
4219150/B 03/2017
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD X
81% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
6
7
10
11
16
17
20
21


유사한 부품 번호 - TPS25940-Q1_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

유사한 설명 - TPS25940-Q1_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
[Old version datasheet]   2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
[Old version datasheet]   TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Texas Instruments
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
[Old version datasheet]   2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com