전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS53676 데이터시트(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS53676
상세설명  TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS53676 데이터시트(HTML) 37 Page - Texas Instruments

Back Button TPS53676 Datasheet HTML 33Page - Texas Instruments TPS53676 Datasheet HTML 34Page - Texas Instruments TPS53676 Datasheet HTML 35Page - Texas Instruments TPS53676 Datasheet HTML 36Page - Texas Instruments TPS53676 Datasheet HTML 37Page - Texas Instruments TPS53676 Datasheet HTML 38Page - Texas Instruments TPS53676 Datasheet HTML 39Page - Texas Instruments TPS53676 Datasheet HTML 40Page - Texas Instruments TPS53676 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 143 page
background image
VR_EN
VOUT
TON_DELAY
SRBOOT
Decay based
on load current
tEN_INIT
Figure 7-5. Soft-start and immediate-off (decay)
VR_EN
VOUT
SRBOOT
SROFF
TOFF_DELAY
TON_DELAY
tEN_INIT
Figure 7-6. Soft-start and soft-off
The TON_RISE and TOFF_FALL commands are used to calculate the turn-on and turn-off (in the case of soft-
off) slew rates. While these commands are numerically programmable from 0 to 31.75 ms, only a limited set of
slew rates are supported. During the enable time period, the device calculates the target rising and falling slew
rates according to Equation 1 and Equation 2, then selects the nearest available value from Table 7-4.
SRBOOT = LOOKUP (
VOUT_COMMAND
TON_RISE
)
(1)
SROFF = LOOKUP (
VOUT_COMMAND
TOFF_FALL
)
(2)
Table 7-4. Supported SRBOOT and SROFF slew rates
Supported slew rates (mV/μs)
0.093
0.313
0.097
0.625
0.101
0.938
0.105
1.250
0.111
1.563
0.117
1.875
0.124
2.188
0.131
2.50
0.140
5.00
0.151
10.00
1.163
15.00
0.175
20.00
0.192
25.00
0.213
30.00
0.238
35.00
0.265
40.00
Example: VOUT_COMMAND = 0.88 V, TON_RISE = 1.0 ms
The target slew rate is calculated as SRBOOT = LOOKUP(880 mV/1000 μs) = 0.88 mV/μs. The nearest supported
value of 0.9375 mV/μs is selected.
The expected rise time is approximately (880 mV / 0.9375 mV/μs) ≈ 940 μs.
www.ti.com
TPS53676
SLUSDP0 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TPS53676


유사한 부품 번호 - TPS53676

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBR TI1-TPS53679RSBR Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBT TI1-TPS53679RSBT Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results

유사한 설명 - TPS53676

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
[Old version datasheet]   TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
[Old version datasheet]   TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
[Old version datasheet]   TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com