전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS53676 데이터시트(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS53676
상세설명  TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS53676 데이터시트(HTML) 80 Page - Texas Instruments

Back Button TPS53676 Datasheet HTML 76Page - Texas Instruments TPS53676 Datasheet HTML 77Page - Texas Instruments TPS53676 Datasheet HTML 78Page - Texas Instruments TPS53676 Datasheet HTML 79Page - Texas Instruments TPS53676 Datasheet HTML 80Page - Texas Instruments TPS53676 Datasheet HTML 81Page - Texas Instruments TPS53676 Datasheet HTML 82Page - Texas Instruments TPS53676 Datasheet HTML 83Page - Texas Instruments TPS53676 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 143 page
background image
Table 7-10. Supported Commands and NVM Defaults
CMD
Code
Command Name
Default Behavior
Ch. A (PAGE = 0)
Default Behavior
Ch. B (PAGE = 1)
Default
Hex
Ch. A
Default
Hex
Ch. B
R/W
Access,
NVM
00h
PAGE
Commands address both Channel A and Channel B
FFh
R/W
01h
OPERATION
OPERATION Off, Margin None
OPERATION Off, Margin None
00h
00h
R/W
02h
ON_OFF_CONFIG
AVR_EN pin only, Active High
BVR_EN pin only, Active High
17h
17h
R/W, NVM
03h
CLEAR_FAULTS
Clears all faults related to channel A
Clears all faults related to channel B
N/A
N/A
W
04h
PHASE
Commands address all phases in channel
A
Commands address all phases in channel
B
FFh
FFh
R/W
05h
PAGE_PLUS_WRITE
Utility to send PAGE along with a PMBus write transaciton
Per command
W
06h
PAGE_PLUS_READ
Utility to send PAGE along with a PMBus read transaciton
Per command
R
10h
WRITE_PROTECT
All commands are writeable
00h
R/W, NVM
15h
STORE_USER_ALL
Stores all current storable register settings into NVM as new defaults
N/A
W
16h
RESTORE_USER_ALL
Restores all storable register settings from NVM
N/A
W
19h
CAPABILITY
1 MHz, PEC, SMB_ALERT Supported
D4h
R
1Bh
SMBALERT_MASK_WORD
No SMB_ALERT sources masked
No SMB_ALERT sources masked
00h
00h
R/W
1Bh
SMBALERT_MASK_VOUT
No SMB_ALERT sources masked
No SMB_ALERT sources masked
00h
00h
R/W, NVM
1Bh
SMBALERT_MASK_IOUT
No SMB_ALERT sources masked
No SMB_ALERT sources masked
00h
00h
R/W, NVM
1Bh
SMBALERT_MASK_INPUT
LOW VIN bit is masked
08h
R/W, NVM
1Bh
SMBALERT_MASK
TEMPERATURE
No SMB_ALERT sources masked
No SMB_ALERT sources masked
00h
00h
R/W, NVM
1Bh
SMBALERT_MASK_CML
No SMB_ALERT sources masked
No SMB_ALERT sources masked
00h
00h
R/W, NVM
1Bh
SMBALERT_MASK_MFR
No SMB_ALERT sources masked
No SMB_ALERT sources masked
06h
06h
R/W, NVM
1Bh
SMBALERT_MASK_OTHER
FIRST_TO_ALERT does not assert SMB_ALERT#
00h
R
20h
VOUT_MODE
ULINEAR16 Mode, Absolute,
Exponent = -10
ULINEAR16 Mode, Absolute,
Exponent = -10
16h
16h
R
21h
VOUT_COMMAND
0.880 V
From pin-detection by default
0.800 V
03 85h
03 33h
R/W,
NVM/
Pin Detect
(Ch A)
22h
VOUT_TRIM
+0.000 V
+0.000 V
00 00h
00 00h
R/W, NVM
24h
VOUT_MAX
1.869 V (VBOOT_CHA pinstrp active by
default) NVM stored value is 1.200 V
1.400 V
07 7Ah /
04 CDh
05 9Ah
R/W, NVM
25h
VOUT_MARGIN_HIGH
0.000 V
0.000 V
00 00h
00 00h
R/W
26h
VOUT_MARGIN_LOW
0.000 V
0.000 V
00 00h
00 00h
R/W
27h
VOUT_TRANSITION_RATE
5.0 mV/µs
5.0 mV/µs
E0 50h
E0 50h
R/W, NVM
28h
VOUT_DROOP
0.000 mΩ
0.000 mΩ
C8 00h
C8 00h
R/W, NVM
29h
VOUT_SCALE_LOOP
1.000
1.000
E8 08h
E8 08h
R/W, NVM
2Bh
VOUT_MIN
0.000 V
0.000 V
00 00h
00 00h
R/W, NVM
33h
FREQUENCY_SWITCH
500 kHz
500 kHz
01 F4h
01 F4h
R/W, NVM
34h
POWER_MODE
DPS disabled, all phases FCCM
DPS disabled, all phases FCCM
03h
03h
R/W
35h
VIN_ON
9.250 V
F0 25h
R/W, NVM
38h
IOUT_CAL_GAIN
5.000 mΩ
5.000 mΩ
CA 80h
CA 80h
R/W, NVM
39h
IOUT_CAL_OFFSET
0.000 A (all phases)
0.000 A (all phases)
E8 00h
E8 00h
R/W, NVM
40h
VOUT_OV_FAULT_LIMIT
1.072 V (VOUT_COMMAND + 192 mV)
0.992 V (VOUT_COMMAND + 192 mV)
04 4Ah
03 F7h
R/W, NVM
41h
VOUT_OV_FAULT_RESPONSE
Latch-off and do not restart
Latch-off and do not restart
80h
80h
R/W, NVM
42h
VOUT_OV_WARN_LIMIT
1.056 V (VOUT_COMMAND + 176 mV)
0.976 V (VOUT_COMMAND + 176 mV)
04 39h
03 E7h
R/W, NVM
43h
VOUT_UV_WARN_LIMIT
0.704 V (VOUT_COMMAND - 176 mV)
0.623 V (VOUT_COMMAND - 176 mV)
02 D1h
02 7Eh
R/W, NVM
44h
VOUT_UV_FAULT_LIMIT
0.688 V (VOUT_COMMAND - 192 mV)
0.607 V (VOUT_COMMAND - 192 mV)
02 C0h
02 6Eh
R/W, NVM
45h
VOUT_UV_FAULT_RESPONSE
Latch-off after 5.0 μs and do not restart
Latch-off after 5.0 μs and do not restart
40h
40h
R/W, NVM
46h
IOUT_OC_FAULT_LIMIT
480 A total current
53 A phase current
80 A total current
53 A phase current
10 E0h
00 35h
00 50h
00 35h
R/W, NVM
47h
IOUT_OC_FAULT_RESPONSE
Latch-off and do not restart
Latch-off and do not restart
C0h
C0h
R/W, NVM
4Ah
IOUT_OC_WARN_LIMIT
440 A total current
60 A total current
01 B8h
00 3Ch
R/W, NVM
4Fh
OT_FAULT_LIMIT
120°C
120°C
00 78h
00 78h
R/W, NVM
50h
OT_FAULT_RESPONSE
Latch-off and do not restart
Latch-off and do not restart
80h
80h
R/W, NVM
51h
OT_WARN_LIMIT
110°C
110°C
00 6Eh
00 6Eh
R/W, NVM
55h
VIN_OV_FAULT_LIMIT
15.0 V
00 0Fh
R/W, NVM
56h
VIN_OV_FAULT_RESPONSE
Latch-off and do not restart
80h
R/W, NVM
57h
VIN_OV_WARN_LIMIT
14.0 V
00 0Eh
R/W, NVM
TPS53676
SLUSDP0 – DECEMBER 2020
www.ti.com
80
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS53676


유사한 부품 번호 - TPS53676

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBR TI1-TPS53679RSBR Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBT TI1-TPS53679RSBT Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results

유사한 설명 - TPS53676

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
[Old version datasheet]   TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
[Old version datasheet]   TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
[Old version datasheet]   TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com