전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS543320 데이터시트(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS543320
상세설명  TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS543320 데이터시트(HTML) 15 Page - Texas Instruments

Back Button TPS543320 Datasheet HTML 11Page - Texas Instruments TPS543320 Datasheet HTML 12Page - Texas Instruments TPS543320 Datasheet HTML 13Page - Texas Instruments TPS543320 Datasheet HTML 14Page - Texas Instruments TPS543320 Datasheet HTML 15Page - Texas Instruments TPS543320 Datasheet HTML 16Page - Texas Instruments TPS543320 Datasheet HTML 17Page - Texas Instruments TPS543320 Datasheet HTML 18Page - Texas Instruments TPS543320 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Table 7-4. MODE Pin Selection (continued)
RMODE (kΩ)
CURRENT LIMITS
CRAMP (pF)
SOFT-START TIME (ms)
40.2
Low
1
4
49.9
Low
2
0.5
60.4
Low
2
1
76.8
Low
2
2
102
Low
2
4
137
Low
4
0.5
174
Low
4
1
243
Low
4
2
412
Low
4
4
7.3.9 Power Good (PGOOD)
The PGOOD pin is an open-drain output requiring an external pullup resistor to output a high signal. Once the
FB pin is between 92% and 108% of the internal voltage reference, soft start is complete, and after a 256-µs
deglitch time, the PGOOD pin is de-asserted and the pin floats. A pullup resistor between the values of 10 kΩ
and 100 kΩ to a voltage source that is 5.5 V or less is recommended. PGOOD is in a defined state once the VIN
input voltage is greater than 1 V but with reduced current sinking capability. When the FB is lower than 84% or
greater than 116% of the nominal internal reference voltage, after a 8-µs deglitch time, the PGOOD pin is pulled
low. PGOOD is immediately pulled low if VIN falls below its UVLO, the EN pin is pulled low or the device enters
thermal shutdown.
7.3.10 Current Protection
The protects against overcurrent events by cycle-by-cycle current limiting both the high-side MOSFET and low-
side MOSFET. In an extended overcurrent condition, the device will enter hiccup. Different protections are active
during positive inductor current and negative inductor current conditions.
7.3.10.1 Positive Inductor Current Protection
The current is sensed in the high-side MOSFET while it is conducting after a short blanking time to allow noise to
settle. Whenever the high-side overcurrent threshold is exceeded, the high-side MOSFET is immediately turned
off and the low-side MOSFET is turned on. The high-side MOSFET does not turn back on until the current falls
below the low-side MOSFET overcurrent threshold. This effectively limits the peak current in the case of a short
circuit condition. If a high-side overcurrent is detected for 15 consecutive cycles, the device enters hiccup.
The current is also sensed in the low-side MOSFET while it is conducting after a short blanking time to allow
noise to settle. If the low-side overcurrent threshold is exceeded when the next incoming PWM signal is received
from the controller, the device skips processing that PWM pulse. The device does not turn the high-side
MOSFET on again until the low-side overcurrent threshold is no longer exceeded. If the low-side overcurrent
threshold remains exceeded for 15 consecutive cycles, the device enters hiccup. There are two separate
counters for the high-side and low-side overcurrent events. If the off-time is too short, the low-side overcurrent
may not trip. The low-side overcurrent will, however, begin tripping after the high-side peak overcurrent limit is hit
as hitting the peak current limit shortens the on-time and lengthens the off-time.
Both the high-side and low-side positive overcurrent thresholds are programmable using the MODE pin. Two
sets of thresholds are available ("High" and "Low"), which are summarized in Table 7-5. The values for these
thresholds are obtained using open-loop measurements with a DC current in order to accurately specify the
values. In real applications, the inductor current will ramp and the ramp rate will be a function of the voltage
across the inductor (VIN - VOUT) as well as the inductance value. This ramp rate combined with delays in the
current sense circuitry can result in slightly different values than specified. The current at which the high-side
overcurrent limit takes effect can be slightly higher than specified, and the current at which the low-side
overcurrent limit takes effect can be slightly lower than specified.
www.ti.com
TPS543320
SLUSEE1 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS543320


유사한 부품 번호 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332 TI-TPS54332 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDA TI-TPS54332DDA Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
More results

유사한 설명 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
[Old version datasheet]   TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
[Old version datasheet]   TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
[Old version datasheet]   TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543A26 TI-TPS543A26 Datasheet
1Mb / 40P
[Old version datasheet]   TPS543A26 4-V to 18-V Input, 16-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
DECEMBER 2022
TPS543A22 TI-TPS543A22 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543A22 4-V to 18-V Input, 12-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com