전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS543320 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS543320
상세설명  TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS543320 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TPS543320 Datasheet HTML 17Page - Texas Instruments TPS543320 Datasheet HTML 18Page - Texas Instruments TPS543320 Datasheet HTML 19Page - Texas Instruments TPS543320 Datasheet HTML 20Page - Texas Instruments TPS543320 Datasheet HTML 21Page - Texas Instruments TPS543320 Datasheet HTML 22Page - Texas Instruments TPS543320 Datasheet HTML 23Page - Texas Instruments TPS543320 Datasheet HTML 24Page - Texas Instruments TPS543320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
• Voripple is the maximum allowable steady state output voltage ripple
• Iripple is the inductor ripple current
Lastly, if an application does not have a strict load transient response or output ripple requirement, a minimum
amount of capacitance is still required to ensure the control loop is stable with the lowest gain ramp setting on
the MODE pin. Equation 12 estimates the minimum capacitance needed for loop stability. This equation sets the
minimum amount of capacitance by keeping the LC frequency relative to the switching frequency at a minimum
value. See Figure 8-3 for the limit versus output voltage with the lowest gain ramp setting of 1 pF. With a 3.3-V
output, the minimum ratio is 25 and with this ratio, Equation 12 gives a minimum capacitance of 5 µF.
2
OUT
SW
OUT
Ratio
1
C
2
f
L
§
·
!
u
¨
¸
S u
©
¹
(12)
Equation 13 calculates the maximum combined ESR the output capacitors can have to meet the output voltage
ripple specification and this shows the ESR should be less than 24 mΩ. In this case, ceramic capacitors are
used and the combined ESR of the ceramic capacitors in parallel is much less than is needed to meet the ripple.
Capacitors also have limits to the amount of ripple current they can handle without producing excess heat and
failing. An output capacitor that can support the inductor ripple current must be specified. The capacitor data
sheet specifies the RMS value of the maximum ripple current. Equation 14 can be used to calculate the RMS
ripple current the output capacitor needs to support. For this application, Equation 14 yields 236 mA and ceramic
capacitors typically have a ripple current rating much higher than this.
Voripple
Resr <
Iripple
(13)
vertical spacer
´
-
´
´
´ ¦
Vout
(Vinm ax
Vout)
Icorm s =
12
Vinm ax
L1
sw
(14)
Select X5R and X7R ceramic dielectrics or equivalent for power regulator capacitors since they have a high
capacitance-to-volume ratio and are fairly stable over temperature. The output capacitor must also be selected
with the DC bias and AC voltage derating taken into account. The derated capacitance value of a ceramic
capacitor due to DC voltage bias and AC RMS voltage is usually found on the capacitor manufacturer's website.
For this application example, two 47-µF, 10.0-V, X5R, 0805 ceramic capacitors each with 2 mΩ of ESR are used.
The capacitors are used since they have a higher resonance frequency and can help reduce the output ripple
caused by parasitic inductance. With the two parallel capacitors, the estimated effective output capacitance after
derating using the capacitor manufacturer's website is 98 µF.
www.ti.com
TPS543320
SLUSEE1 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS543320


유사한 부품 번호 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332 TI-TPS54332 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDA TI-TPS54332DDA Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
More results

유사한 설명 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
[Old version datasheet]   TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
[Old version datasheet]   TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
[Old version datasheet]   TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543A26 TI-TPS543A26 Datasheet
1Mb / 40P
[Old version datasheet]   TPS543A26 4-V to 18-V Input, 16-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
DECEMBER 2022
TPS543A22 TI-TPS543A22 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543A22 4-V to 18-V Input, 12-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com