전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS543320 데이터시트(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS543320
상세설명  TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS543320 데이터시트(HTML) 25 Page - Texas Instruments

Back Button TPS543320 Datasheet HTML 21Page - Texas Instruments TPS543320 Datasheet HTML 22Page - Texas Instruments TPS543320 Datasheet HTML 23Page - Texas Instruments TPS543320 Datasheet HTML 24Page - Texas Instruments TPS543320 Datasheet HTML 25Page - Texas Instruments TPS543320 Datasheet HTML 26Page - Texas Instruments TPS543320 Datasheet HTML 27Page - Texas Instruments TPS543320 Datasheet HTML 28Page - Texas Instruments TPS543320 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
It is possible to use larger feedforward capacitors to further improve the transient response but take care to
ensure there is a minimum of -9-dB gain margin in all operating conditions. The feedforward capacitor injects
noise on the output into the FB pin. This added noise can result in increased on-time jitter at the switching node.
Too little gain margin can cause a repeated wide and narrow pulse behavior. Adding a 100-Ω resistor in series
with the feedforward capacitor can help reduce the impact of noise on the FB pin in case of non-ideal PCB
layout. The value of this resistor must be kept small as larger values bring the feedforward pole and zero closer
together degrading the phase boost the feedforward capacitor provides.
When using higher ESR output capacitors, such as polymer or tantalum, their ESR zero (fESR) should be
accounted for. The ESR zero can be calculated using Equation 20. If the ESR zero frequency is less than the
estimated bandwidth of 1/10th the fSW, it can affect the gain margin and phase margin. A series R-C from the FB
pin to ground can be used to add a pole into the control loop if necessary. All ceramic capacitors are used in this
design so the effect of the ESR zero is ignored.
ESR
OUT
ESR
1
f
2
C
R
u S u
u
(20)
8.2.1.2.13 MODE Pin
The MODE resistor is set to 4.87 kΩ to select the high current limit setting, 1.0-ms soft-start and the 2 pF ramp.
See Table 7-4 for the full list of the MODE pin settings.
www.ti.com
TPS543320
SLUSEE1 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS543320


유사한 부품 번호 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332 TI-TPS54332 Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDA TI-TPS54332DDA Datasheet
1Mb / 34P
[Old version datasheet]   TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
More results

유사한 설명 - TPS543320

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
[Old version datasheet]   TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
[Old version datasheet]   TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
[Old version datasheet]   TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543A26 TI-TPS543A26 Datasheet
1Mb / 40P
[Old version datasheet]   TPS543A26 4-V to 18-V Input, 16-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
DECEMBER 2022
TPS543A22 TI-TPS543A22 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543A22 4-V to 18-V Input, 12-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com