전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1D65ABD 데이터시트(PDF) 1 Page - Schneider Electric

부품명 LC1D65ABD
상세설명  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 24 V DC standard coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D65ABD 데이터시트(HTML) 1 Page - Schneider Electric

  LC1D65ABD Datasheet HTML 1Page - Schneider Electric LC1D65ABD Datasheet HTML 2Page - Schneider Electric LC1D65ABD Datasheet HTML 3Page - Schneider Electric LC1D65ABD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1D65ABD
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
65 A - 24 V DC standard coil
Product availability : Stock - Normally stocked in distribution facility
Price* : 403.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-3
AC-4
AC-1
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit: <= 300 V DC
[Ie] rated operational current
80 A 140 °F (60 °C)) <= 440 V AC AC-1 power circuit
65 A 140 °F (60 °C)) <= 440 V AC AC-3 power circuit
Motor power kW
11 kW 400 V AC 50/60 Hz AC-4)
18.5 kW 220...230 V AC 50/60 Hz AC-3)
30 kW 380...400 V AC 50/60 Hz AC-3)
37 kW 500 V AC 50/60 Hz AC-3)
37 kW 660...690 V AC 50/60 Hz AC-3)
Motor power HP (UL / CSA)
40 hp 460/480 V AC 50/60 Hz 3 phase
5 hp 115 V AC 50/60 Hz 1 phase
10 hp 230/240 V AC 50/60 Hz 1 phase
20 hp 200/208 V AC 50/60 Hz 3 phase
20 hp 230/240 V AC 50/60 Hz 3 phase
50 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
DC standard
[Uc] control circuit voltage
24 V DC
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


유사한 부품 번호 - LC1D65ABD

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D65AB7 SCHNEIDER-LC1D65AB7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 24 V AC 50/60 Hz coil
LC1D65ABBE SCHNEIDER-LC1D65ABBE Datasheet
125Kb / 4P
   TeSys D contactor 3P 65A AC-3 up to 440V coil 24V DC EverLink
LC1D65ABNE SCHNEIDER-LC1D65ABNE Datasheet
123Kb / 4P
   TeSys D contactor 3P 65A AC-3 up to 440V coil 24-60V AC/DC coil EverLink
More results

유사한 설명 - LC1D65ABD

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1D65A3BD SCHNEIDER-LC1D65A3BD Datasheet
114Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 24 V DC standard coil
LC1D65A6BD SCHNEIDER-LC1D65A6BD Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 24 V DC standard coil
LC1D65A3RD SCHNEIDER-LC1D65A3RD Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 440 V DC standard coil
LC1D65A6RD SCHNEIDER-LC1D65A6RD Datasheet
136Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 440 V DC standard coil
LC1D65ARD SCHNEIDER-LC1D65ARD Datasheet
67Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 440 V DC standard coil
LC1D65A3ND SCHNEIDER-LC1D65A3ND Datasheet
104Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 60 V DC standard coil
LC1D65A6JD SCHNEIDER-LC1D65A6JD Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 12 V DC standard coil
LC1D65A6SD SCHNEIDER-LC1D65A6SD Datasheet
143Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 72 V DC standard coil
LC1D65ACD SCHNEIDER-LC1D65ACD Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 36 V DC standard coil
LC1D65A3CD SCHNEIDER-LC1D65A3CD Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 36 V DC standard coil
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com