전자부품 데이터시트 검색엔진 |
|
GS8322Z18B-200 데이터시트(PDF) 7 Page - GSI Technology |
|
GS8322Z18B-200 데이터시트(HTML) 7 Page - GSI Technology |
7 / 38 page GS8322Z18(B/E)/GS8322Z36(B/E)/GS8322Z72(C) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 11/2004 7/38 © 2002, GSI Technology BPR1999.05.18 GS8322Z18/36 119-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs An I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high CKE I Clock Enable; active low W I Write Enable; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
유사한 부품 번호 - GS8322Z18B-200 |
|
유사한 설명 - GS8322Z18B-200 |