전자부품 데이터시트 검색엔진 |
|
DS42587 데이터시트(PDF) 8 Page - Advanced Micro Devices |
|
DS42587 데이터시트(HTML) 8 Page - Advanced Micro Devices |
8 / 58 page 8 DS42587 PIN DESCRIPTION A0–A18 = 19 Address Inputs (Common) A-1, A19–A20 = 3 Address Inputs (Flash) SA = Highest Order Address Pin (SRAM) Byte mode DQ0–DQ15 = 16 Data Inputs/Outputs (Common) CE#f = Chip Enable (Flash) CE#s = Chip Enable (SRAM) OE# = Output Enable (Common) WE# = Write Enable (Common) RY/BY# = Ready/Busy Output UB#s = Upper Byte Control (SRAM) LB#s = Lower Byte Control (SRAM) CIOf = I/O Configuration (Flash) CIOf = VIH = Word mode (x16), CIOf = VIL = Byte mode (x8) CIOs = I/O Configuration (SRAM) CIOs = VIH = Word mode (x16), CIOs = VIL = Byte mode (x8) RESET# = Hardware Reset Pin, Active Low WP#/ACC = Hardware Write Protect/ Acceleration Pin (Flash) VCCf = Flash 3.0 volt-only single power sup- ply (see Product Selector Guide for speed options and voltage supply tolerances) VCCs = SRAM Power Supply VSS = Device Ground (Common) NC = Pin Not Connected Internally LOGIC SYMBOL ORDERING INFORMATION DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory loca- tion. T he r egis ter is a l a tch us ed to s t ore th e commands, along with the address and data informa- tion needed to execute the command. The contents of the register serve as inputs to the internal state ma- chine. The state machine outputs dictate the function of the device. Tables 1 through 3 lists the device bus operations, the inputs and control levels they require, and the resulting output. The following subsections de- scribe each of these operations in further detail. 19 16 or 8 DQ0–DQ15 A0–A18 CE#f OE# WE# RESET# UB#s RY/BY# WP#/ACC SA A-1, A19–A20 LB#s CIOf CIOs CE1#s CE2s Valid Combination Order Number Package Marking DS42587 DS42587 |
유사한 부품 번호 - DS42587 |
|
유사한 설명 - DS42587 |