전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRC401E 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KRC401E
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC401E 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KRC401E Datasheet HTML 1Page - KEC(Korea Electronics) KRC401E Datasheet HTML 2Page - KEC(Korea Electronics) KRC401E Datasheet HTML 3Page - KEC(Korea Electronics) KRC401E Datasheet HTML 4Page - KEC(Korea Electronics) KRC401E Datasheet HTML 5Page - KEC(Korea Electronics) KRC401E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1999. 6. 8
3/6
KRC401E~KRC406E
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise Time
KRC401E
tr
VO=5V
VIN=5V
RL=1k
-
0.03
-
S
KRC402E
-
0.05
-
KRC403E
-
0.12
-
KRC404E
-
0.22
-
KRC405E
-
0.01
-
KRC406E
-
0.03
-
Storage Time
KRC401E
tstg
-
2.0
-
KRC402E
-
2.0
-
KRC403E
-
2.0
-
KRC404E
-
2.0
-
KRC405E
-
2.0
-
KRC406E
-
2.0
-
Fall Time
KRC401E
tf
-
0.12
-
KRC402E
-
0.36
-
KRC403E
-
0.35
-
KRC404E
-
0.6
-
KRC405E
-
0.1
-
KRC406E
-
0.19
-


유사한 부품 번호 - KRC401E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401V KEC-KRC401V Datasheet
118Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - KRC401E

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com