전자부품 데이터시트 검색엔진 |
|
1N4570TR-3 데이터시트(PDF) 1 Page - Microsemi Corporation |
|
1N4570TR-3 데이터시트(HTML) 1 Page - Microsemi Corporation |
1 / 4 page ed Zener 6.4 Volt Temperature Compensat Reference Diodes Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 10-27-2003 REV B SCOTTSD A L E DIVISION 1N4565 thru 1N4584A-1 DO-7 DESCRIPTION APPEARANCE The popular 1N4565 thru 1N4584A-1 series of Zero-TC Reference Diodes provides a selection of both 6.4 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature. Four different operating currents are available for selection at 0.5 mA, 1.0 mA, 2.00 mA, and 4.00 mA. These glass axial-leaded DO-7 reference diodes are internal-metallurgical-bonded and are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V. DO-7 (DO-204AA) IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • JEDEC registered 1N4565 thru 1N4584 series . • Reference voltage diodes of nominal 6.4 V +/- 5% with tighter tolerance options available • Temperature Coefficient range: 0.01%/oC to 0.0005%/ oC. • Zener Test Current selection range: 0.500 mA, 1.00 mA, 2.00 mA and 4.00 mA. • Internal metallurgical bonded • 1N4565 thru 1N4584 also have qualification to MIL- PRF-19500/452 by adding the JAN, JANTX, JANTXV, or JANS prefixes to part numbers a well as the “-1” suffix; e.g. JANTX1N4574A-1, etc. • Military surface mount equivalents also available in DO-213AA by adding UR-1 suffix and the JAN, JANTX, and JANTXV prefix, e.g. JANTX1N4569AUR-1 (see separate data sheet) • Also available in DO-35 package including military qualifications up to JANTXV (see separate data sheet) • Provides minimal voltage change over a broad operating temperature range for instrumentation and other circuit designs requiring a voltage reference • Temperature coefficient selections available from 0.01%/ºC to 0.0005%/ºC • Tight reference voltage tolerances available with nominal value of 6.4 V by adding tolerance 1%, 2%, 3%, etc. after the part number for identification, e.g. 1N4569-2%, 1N4579A-1%, 1N4574A-1-1%, etc. • Flexible axial-leaded mounting terminals • Nonsensitive to ESD per MIL-STD-750 Method 1020 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Operating Temperatures: -65oC to +175oC • Storage Temperatures: -65oC to +175oC • DC Power Dissipation: 500 mW @ TL = 25oC with maximum current IZM 70 mA. NOTE: For optimum voltage-temperature stability, the operating test current (IZT) should be as specified in the Electrical Characteristics Table (power less than 30 mW) • Solder Temperatures: 260oC for 10 s (max) • CASE: Hermetically sealed glass case. DO-7 (DO- 204AA) package • TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, Method 2026 • MARKING: Part number and cathode band • POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end • TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number) • WEIGHT: 0.2 grams. • See package dimensions on last page |
유사한 부품 번호 - 1N4570TR-3 |
|
유사한 설명 - 1N4570TR-3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |