전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K5L5628JTM 데이터시트(PDF) 63 Page - Samsung semiconductor

부품명 K5L5628JTM
상세설명  256M Bit (16M x16) Synchronous Burst , Multi Bank NOR Flash / 128M Bit(8M x16) Synchronous Burst UtRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5L5628JTM 데이터시트(HTML) 63 Page - Samsung semiconductor

Back Button K5L5628JTM Datasheet HTML 59Page - Samsung semiconductor K5L5628JTM Datasheet HTML 60Page - Samsung semiconductor K5L5628JTM Datasheet HTML 61Page - Samsung semiconductor K5L5628JTM Datasheet HTML 62Page - Samsung semiconductor K5L5628JTM Datasheet HTML 63Page - Samsung semiconductor K5L5628JTM Datasheet HTML 64Page - Samsung semiconductor K5L5628JTM Datasheet HTML 65Page - Samsung semiconductor K5L5628JTM Datasheet HTML 66Page - Samsung semiconductor K5L5628JTM Datasheet HTML 67Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Preliminary
K5L5628JT(B)M
Revision 1.0
November 2004
63
MCP MEMORY
Preliminary
A0-A23
A0-A23
Notes:
1. Address boundry occurs every 16 words beginning at address 00000FH , 00001FH , 00002FH , etc.
2. Address 000000H is also a boundry crossing.
3. No additional clock cycles are needed except for 1st boundary crossing.
Figure 16. Crossing of first word boundary in burst read mode.
Case 3 : Start from "4N+2" address group
CE
OE
RDY
CLK
Data Bus
AVD
tCEZ
tOEZ
tOER
F11
12
13
10
D
E
11
12
13
14
Additional 1 Cycle for First Word Boundary
5 cycle for initial access shown.(54MHz case)
E
D
F
10
Case2 : Start from "4N+1" address group
CE
OE
RDY
CLK
AVD
tCEZ
tOEZ
tOER
F
111213
10
E
F
11
12
13
14
Additional 2 Cycle for First Word Boundary
5 cycle for initial access shown.(54MHz case)
10
E
Data Bus


유사한 설명 - K5L5628JTM

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
K5N1229ACD-BQ12 SAMSUNG-K5N1229ACD-BQ12 Datasheet
2Mb / 128P
   512Mb (32M x16) Muxed Burst, Multi Bank SLC NOR Flash
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Macronix International
MX29VS128F MCNIX-MX29VS128F Datasheet
1Mb / 5P
   128M-BIT [8M x16-bit] CMOS 1.8 Volt
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com