전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MUR3060 데이터시트(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 MUR3060
상세내용  Superfast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR3060 데이터시트(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR3060 데이터시트 HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3060 데이터시트 HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
MUR
3060
UNIT
Device marking code
Note
MUR
3060
---
Maximum Repetitive Peak Reverse Voltage
VRRM
600
V
Average Rectified Output Current
See Fig.1
IF
30
A
Peak Forward Surge Current 8.3ms single half sine-wave
IFSM
380
A
Storage temperature range
TSTG
-55 to +150
°C
Operating junction temperature range
TJ
175
°C
PARAMETER
TEST CONDITIONS
SYMBOL
Min.
Typ.
Max.
UNIT
Reverse Breakdown voltage
IR=50uA
Tj=25°C
VB
600
680
---
V
Forward Voltage
IF=
30A
Tj=25°C
Tj=125°C
VF
---
---
--
--
2.0
1.
7
V
Leakage Current
VR=600V
Tj=25°C
Tj=125°C
IR
---
---
5
----
10
200
uA
Reverse recovery time
IF= 0.5A
Irr= 0.25A
IR =1.0A
Tj=25°C
trr
---
43
50
ns
THERMAL CHARACTERISTIC
SYMBOL
Typical
UNIT
Typical thermal resistance_Junction to Case
RΘJC
4.5
°C/W
Typical thermal resistance_Junction to Lead
RΘJL
5.5
°C/W
Junction Capaitance(Note 1)
Cj
250
pF
Notes: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
Superfast Recovery Rectifiers
MUR3060
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0. Flame Retardant Epoxy Molding Compound.
Low power loss, high efficiency.
• High surge capability
• Ultra fast recovery time,high voltage.
Lead free in comply with EU RoHS.
• Case: TO-220AC molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
Low forward voltage, high current capability.
FEATURES
MECHANICAL DATA
TO-220AC
http://www.trr-jx.com
version: 02


Html Pages

1  2 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn