전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RU6H9R 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

부품명 RU6H9R
상세내용  N-Channel 650V (D-S) Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU6H9R 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

Back Button RU6H9R 데이터시트 HTML 2Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 3Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 4Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 5Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 6Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 7Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 8Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 9Page - VBsemi Electronics Co.,Ltd RU6H9R 데이터시트 HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig. 18 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU6H9R
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn