전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RU30L30M3 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 RU30L30M3
상세설명  P-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU30L30M3 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RU30L30M3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
15
30
45
60
0
3
6
9
12
15
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
102030
405060
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0
1020304050
Qg - Total Gate Charge (nC)
VDS = 15 V, ID = 14.4 A
VDS = 24 V, ID = 14.4 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
01234
VGS - Gate-to-Source Voltage (V)
25 ºC
125 ºC
- 55 ºC
0
600
1200
1800
2400
3000
3600
0
6
12
18
24
30
VDS - Drain-Source Voltage (V)
Ciss
Coss
Crss
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (ºC)
ID = 14.4 A
VGS = 10 V
VGS = 4.5 V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU30L30M3
3


유사한 부품 번호 - RU30L30M3

제조업체부품명데이터시트상세설명
logo
Ruichips Semiconductor ...
RU30L30M RUICHIPS-RU30L30M Datasheet
276Kb / 9P
   P-Channel Advanced Power MOSFET Super High Dense Cell Design
logo
VBsemi Electronics Co.,...
RU30L30M VBSEMI-RU30L30M Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - RU30L30M3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com