전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP47P201VP 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TMP47P201VP
상세설명  CMOS 4-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201VP 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP47P201VP Datasheet HTML 6Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 7Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 8Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 9Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 10Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 11Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 12Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 13Page - Toshiba Semiconductor TMP47P201VP Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10/32
TOSHIBA CORPORATION
TMP47C101/201
(5)
Zero-page
The 16 words (at addresses 00H through 0FH) of the
zero page of the data memory can be used as the user
flags or pointers by using zero-page addressing mode
instructions (comparison, addition, transfer, and bit
manipulation), providing enhanced efficiency in pro-
gramming.
Example: To write immediate data “8” to address 09H if
bit 2 at address 04H in the RAM is “1”.
TEST 04H,2
;
Skips if bit 2 at address 04H in
the RAM is “0”.
B
SKIP
ST
#8, 09H ;
Writes “8” to address 09H in the
RAM
SKIP:
2.4.2 Data Memory Capacity
Figure 2-10. Data Memory Capacity and Address Assignment
When power-on is performed, the contents of the RAM
become unpredictable, so that they must be initialized by the
initialization routine.
Example: To clear RAM (use common to the 47C101 and
47C201)
LD
HL, #00H
; HL
←00H
SCLRRAM:
ST
#0, @HL+
; RAM [HL]
←0, LR
LR + 1
B
SCLRRAM
ADD H, #1
; HR
←HR + 1
B
SCLRRAM
2.5 ALU and Accumulator
2.5.1 Arithmetic/Logic Unit (ALU)
The ALU performs the arithmetic and logic operations speci-
fied by instructions on 4-bit binary data and outputs the result
of the operation, the carry information(C), and the zero detect
information (z).
(1)
Carry information (C)
The carry information indicates a carry-out from the
most significant bit in an addition. A subtraction is per-
formed as addition of two’s complement, so that, with
a subtraction, the carry information indicates that there
is no borrow to the most significant bit. With a rotate
instruction, the information indicates the data to be
shifted out from the accumulator.


유사한 부품 번호 - TMP47P201VP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP47P201VPG TOSHIBA-TMP47P201VPG Datasheet
589Kb / 15P
   TLCS-47 Series
More results

유사한 설명 - TMP47P201VP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP42C40 TOSHIBA-TMP42C40 Datasheet
945Kb / 23P
   CMOS 4-BIT MICROCONTROLLER
TMP42C50N TOSHIBA-TMP42C50N Datasheet
259Kb / 13P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1237 TOSHIBA-TMP47C1237 Datasheet
275Kb / 10P
   CMOS 4-BIT MICROCONTROLLER
TMP47C1238 TOSHIBA-TMP47C1238 Datasheet
941Kb / 30P
   CMOS 4-BIT MICROCONTROLLER
TMP47C200AN TOSHIBA-TMP47C200AN Datasheet
107Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C210AN TOSHIBA-TMP47C210AN Datasheet
279Kb / 12P
   CMOS 4-BIT MICROCONTROLLER
TMP47C220AF TOSHIBA-TMP47C220AF Datasheet
76Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C232AN TOSHIBA-TMP47C232AN Datasheet
106Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C26N TOSHIBA-TMP47C26N Datasheet
104Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
TMP47C452AN TOSHIBA-TMP47C452AN Datasheet
473Kb / 20P
   CMOS 4-BIT MICROCONTROLLER
TMP47C620 TOSHIBA-TMP47C620 Datasheet
595Kb / 24P
   CMOS 4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com