์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HDSP-815E ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Agilent(Hewlett-Packard)

๋ถ€ํ’ˆ๋ช… HDSP-815E
์ƒ์„ธ๋‚ด์šฉ  20 mm (0.8 inch) General Purpose Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  HP [Agilent(Hewlett-Packard)]
ํ™ˆํŽ˜์ด์ง€  http://www.home.agilent.com
Logo 

HDSP-815E ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
4
Internal Circuit Diagram
COMMON ANODE
COMMON CATHODE
PIN
FUNCTION
PIN
1
CATHODE A
2
CATHODE F
3
COMMON ANODE
4
CATHODE E
5
COMMON ANODE
6
NO CONNECTION
7
NO PIN
8
NO PIN
9
CATHODE RHDP
10
CATHODE D
11
COMMON ANODE
12
CATHODE C
1
2
3
4
5
6
7
8
9
10
11
12
FUNCTION
13
CATHODE G
13
14
CATHODE B
14
15
NO PIN
15
16
COMMON ANODE
16
ANODE A
ANODE F
COMMON CATHODE
ANODE E
COMMON CATHODE
NO CONNECTION
NO PIN
NO PIN
ANODE RHDP
ANODE D
COMMON CATHODE
ANODE C
ANODE G
ANODE B
NO PIN
COMMON CATHODE
f
COMMON ANODE
e
g
d
a
b
c
DP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
f
COMMON CATHODE
e
g
d
a
b
c
DP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn