전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1518 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SC1518
상세설명  Silicon NPN epitaxial planer type(For high-frequency bias oscillation of tape recorders)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1518 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SC1518 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1518 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1518 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1518
Silicon NPN epitaxial planer type
For high-frequency bias oscillation of tape recorders
For DC-DC converter
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Satisfactory operation performances and high efficiency with a
low-voltage power supply.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
EIAJ:SC–51
TO–92L Package
5.9
±0.2
2.54
±0.15
0.7
±0.1
4.9
±0.2
0.45
+0.2
–0.1
1.27
1.27
0.45
+0.2
–0.1
13
2
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
25
20
5
1.5
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter saturation voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VBE(sat)
VCE(sat)
fT
Cob
Conditions
VCB = 25V, IE = 0
VCE = 20V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 500mA
*2
VCE = 2V, IC = 1A
*2
IC = 500mA, IB = 50mA
*2
IC = 1A, IB = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
25
20
5
90
50
typ
100
150
12
max
100
1
330
1.2
0.5
20
Unit
nA
µA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
90 ~ 155
130 ~ 220
185 ~ 330
*2 Pulse measurement


유사한 부품 번호 - 2SC1518

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC1514 HITACHI-2SC1514 Datasheet
43Kb / 1P
   HIGH FREQUENCY HIGH VOLTAGE AMPLIFIER TV VIDEO OUTPUT
logo
Inchange Semiconductor ...
2SC1514 ISC-2SC1514 Datasheet
93Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC1514 SAVANTIC-2SC1514 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
2SC1514 SAVANTIC-2SC1514 Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
2SC1514 SAVANTIC-2SC1514 Datasheet
203Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC1518

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com